Electronic Components Datasheet Search
  English  ▼

X  

LT3758 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3758
Description  Wide Input Voltage Range Boost/SEPIC/Inverting Converter with 6A, 40V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3758 Datasheet(HTML) 1 Page - Linear Technology

  LT3758 Datasheet HTML 1Page - Linear Technology LT3758 Datasheet HTML 2Page - Linear Technology LT3758 Datasheet HTML 3Page - Linear Technology LT3758 Datasheet HTML 4Page - Linear Technology LT3758 Datasheet HTML 5Page - Linear Technology LT3758 Datasheet HTML 6Page - Linear Technology LT3758 Datasheet HTML 7Page - Linear Technology LT3758 Datasheet HTML 8Page - Linear Technology LT3758 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT3959
1
3959f
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Wide Input Voltage Range
Boost/SEPIC/Inverting Converter
with 6A, 40V Switch
2.5V to 24V Input, 12V Output SEPIC Converter
Excellent for Automotive 12V Post Regulator
APPLICATIONS
n Wide VIN Range: 1.6V (2.5V Start-Up) to 40V
n Positive or Negative Output Voltage Programming
with a Single Feedback Pin
n
PGOOD Output Voltage Status Report
n Internal 6A/40V Power Switch
n Programmable Soft-Start
n Programmable Operating Frequency (100kHz to 1MHz)
with One External Resistor
n Synchronizable to an External Clock
n Low Shutdown Current < 1μA
n INTVCC Regulator Supplied from VIN or DRIVE
n Programmable Input Undervoltage Lockout with
Hysteresis
n Thermally Enhanced QFN (5mm × 6mm) Package
n Automotive
n Telecom
n Industrial
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
ThinSOT are trademarks of Linear Technology Corporation. All other trademarks are the
property of their respective owners. Protected by U.S. Patents, including 7825665.
The LT®3959 is a wide input range, current mode, DC/DC
controller which is capable of regulating either positive or
negative output voltages from a single feedback pin. It can
be configured as a boost, SEPIC or inverting converter.
It features an internal low side N-channel MOSFET rated
for 6A at 40V and driven from an internal regulated sup-
ply provided from VIN or DRIVE. The fixed frequency,
current-mode architecture results in stable operation over
a wide range of supply and output voltages. The operating
frequency of LT3959 can be set over a 100kHz to 1MHz
range with an external resistor, or can be synchronized to
an external clock using the SYNC pin.
The LT3959 features soft-start and frequency foldback
functions to limit inductor current during start-up and
output short-circuit. A window comparator on the FBX
pin reports via the PGOOD pin, providing output voltage
status indication.
Efficiency vs Output Current
OUTPUT CURRENT (mA)
0
90
95
100
600
1000
3959 TA01b
85
200
400
800
80
75
70
65
60
VIN = 12V
LT3959
VIN
VIN
2.5V TO
24V
CIN
22μF
50V
×2
27.4k
300kHz
4.7μF
50V
GND
DRIVE
FBX
SGND
INTVCC
EN_UVLO
PGOOD
SYNC
TIE TO SGND
IF NOT USED
RT
SS
VC
L1A
L1B
GNDK
SW
124k
121k
0.1μF
7.5k
22nF
105K
150k
4.7μF
VOUT
12V
500mA AT VIN = 2.5V
1.5A AT VIN > 8V
3959 TA01a
15.8K
COUT
47μF
16V
×2


Similar Part No. - LT3758

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3758 LINER-LT3758 Datasheet
741Kb / 36P
High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
LT3758 LINER-LT3758 Datasheet
277Kb / 26P
Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
LT3758 LINER-LT3758 Datasheet
479Kb / 26P
Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LT3758 LINER-LT3758 Datasheet
514Kb / 32P
Wide Input Voltage Range
LT3758 LINER-LT3758 Datasheet
373Kb / 36P
PolyPhase Synchronous Boost Controller
More results

Similar Description - LT3758

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3958 LINER-LT3958 Datasheet
325Kb / 28P
High Input Voltage, Boost, Flyback, SEPIC and Inverting Converter
LT3759IMSE LINER-LT3759IMSE Datasheet
445Kb / 32P
Wide Input Voltage Range Boost/SEPIC/Inverting Controller
LT3959 LINER-LT3959_15 Datasheet
338Kb / 26P
Wide Input Voltage Range Boost/SEPIC/Inverting Converter with 6A, 40V Switch
LT3957 LINER-LT3957_15 Datasheet
369Kb / 28P
Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A_15 Datasheet
559Kb / 28P
Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3958 LINER-LT3958_15 Datasheet
330Kb / 28P
High Input Voltage, Boost, Flyback, SEPIC and Inverting Converter
LT3759 LINER-LT3759_15 Datasheet
445Kb / 32P
Wide Input Voltage Range Boost/SEPIC/Inverting Controller
LT3957A LINER-LT3957A Datasheet
559Kb / 28P
Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
logo
Analog Devices
LT8334 AD-LT8334 Datasheet
1Mb / 24P
Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com