Electronic Components Datasheet Search
  English  ▼

X  

LT3798 Datasheet(PDF) 22 Page - Linear Technology

Part # LT3798
Description  Wide Input Voltage Range Boost/SEPIC/Inverting Converter with 6A, 40V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3798 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT3798 Datasheet HTML 16Page - Linear Technology LT3798 Datasheet HTML 17Page - Linear Technology LT3798 Datasheet HTML 18Page - Linear Technology LT3798 Datasheet HTML 19Page - Linear Technology LT3798 Datasheet HTML 20Page - Linear Technology LT3798 Datasheet HTML 21Page - Linear Technology LT3798 Datasheet HTML 22Page - Linear Technology LT3798 Datasheet HTML 23Page - Linear Technology LT3798 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LT3959
22
3959f
TYPICAL APPLICATIONS
2.5V to 8V Input, 12V LED Driver
Efficiency vs VIN
3959 TA04
DRIVE
LT3959
L1
8.2μH
VIN
SW
L1: TOKO 962BS-BR2M
D1: VISHAY SILICONIX 20BQ030
DZ1: CENTRAL SEMICONDUCTOR CMHZ5252B
GND
FBX
RT
SS
INTVCC
EN/UVLO
PGOOD
SYNC
SGND
R2
121k
VC
D1
DZ1
24V
GNDK
R1
124k
RT
27.4k
300kHz
CVCC
4.7μF
10V
X5R
CSS
0.1μF
RC
4.99k
CC
22nF
R4
3.48k
R5
0.5Ω
COUT
22μF
16V
X5R
×2
12V LEDs
500mA
VOUT
VIN
2.5V TO 8V
CIN
22μF
16V
X5R
R3
7.68k
VIN (V)
2
90
94
7
3959 TA04b
86
5
4
36
8
84
88
92
82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com