Electronic Components Datasheet Search
  English  ▼

X  

APT5020SLC Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APT5020SLC
Description  Power MOS VITM is a new generation of low gate charge, high voltage N-Channel enhancement mode power MOSFETs.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT5020SLC Datasheet(HTML) 1 Page - Advanced Power Technology

  APT5020SLC Datasheet HTML 1Page - Advanced Power Technology APT5020SLC Datasheet HTML 2Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ADVANCED
TECHNICAL
INFORMATION
Characteristic / Test Conditions
Drain-Source Breakdown Voltage (V
GS
= 0V, I
D
= 250µA)
On State Drain Current 2 (V
DS
> I
D(on)
x R
DS(on)
Max, V
GS
= 10V)
Drain-Source On-State Resistance 2 (V
GS
= 10V, 0.5 I
D[Cont.]
)
Zero Gate Voltage Drain Current (V
DS
= V
DSS
, V
GS
= 0V)
Zero Gate Voltage Drain Current (V
DS
= 0.8 V
DSS
, V
GS
= 0V, T
C
= 125°C)
Gate-Source Leakage Current (V
GS
= ±30V, V
DS
= 0V)
Gate Threshold Voltage (V
DS
= V
GS
, I
D
= 1mA)
MAXIMUM RATINGS
All Ratings: TC = 25°C unless otherwise specified.
Symbol
V
DSS
I
D
I
DM
V
GS
V
GSM
P
D
T
J
,T
STG
T
L
I
AR
E
AR
E
AS
Parameter
Drain-Source Voltage
Continuous Drain Current @ TC = 25°C
Pulsed Drain Current
1
Gate-Source Voltage Continuous
Gate-Source Voltage Transient
Total Power Dissipation @ TC = 25°C
Linear Derating Factor
Operating and Storage Junction Temperature Range
Lead Temperature: 0.063" from Case for 10 Sec.
Avalanche Current
1 (Repetitive and Non-Repetitive)
Repetitive Avalanche Energy
1
Single Pulse Avalanche Energy
4
UNIT
Volts
Amps
Volts
Watts
W/°C
°C
Amps
mJ
STATIC ELECTRICAL CHARACTERISTICS
Symbol
BV
DSS
I
D(on)
R
DS(on)
I
DSS
I
GSS
V
GS(th)
UNIT
Volts
Amps
Ohms
µA
nA
Volts
MIN
TYP
MAX
500
26
0.20
25
250
±100
35
APT5020
500
26
104
±30
±40
300
2.4
-55 to 150
300
26
30
1300
G
D
S
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
APT Website - http://www.advancedpower.com
POWER MOS VITM
TO-247
Power MOS VITM is a new generation of low gate charge, high voltage
N-Channel enhancement mode power MOSFETs. Lower gate charge is
achieved by optimizing the manufacturing process to minimize C
iss and Crss.
Lower gate charge coupled with Power MOS VITM optimized gate layout,
delivers exceptionally fast switching speeds.
• Identical Specifications: TO-247 or Surface Mount D3PAK Package
• Lower Gate Charge & Capacitance
• Easier To Drive
• 100% Avalanche Tested
• Faster switching
USA
405 S.W. Columbia Street
Bend, Oregon 97702 -1035
Phone: (541) 382-8028
FAX: (541) 388-0364
EUROPE
Chemin de Magret
F-33700 Merignac - France
Phone: (33) 5 57 92 15 15
FAX: (33) 5 56 47 97 61
D3PAK
BLC
SLC
APT5020BLC
APT5020SLC
500V 26A 0.200
W


Similar Part No. - APT5020SLC

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT5020SVFR ADPOW-APT5020SVFR Datasheet
64Kb / 4P
Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
logo
Inchange Semiconductor ...
APT5020SVFR ISC-APT5020SVFR Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
logo
Advanced Power Technolo...
APT5020SVR ADPOW-APT5020SVR Datasheet
61Kb / 4P
Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
More results

Similar Description - APT5020SLC

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT10025JLC ADPOW-APT10025JLC Datasheet
35Kb / 2P
Power MOS VITM is a new generation of low gate charge, high voltage N-Channel enhancement mode power MOSFETs
APT10050JLC ADPOW-APT10050JLC Datasheet
39Kb / 2P
Power MOS VITM is a new generation of low gate charge, high voltage N-Channel enhancement mode power MOSFETs.
APT10086BLC ADPOW-APT10086BLC Datasheet
35Kb / 2P
Power MOS VITM is a new generation of low gate charge, high voltage N-Channel enhancement mode power MOSFETs.
APT5010B2LC ADPOW-APT5010B2LC Datasheet
66Kb / 2P
Power MOS VITM is a new generation of low gate charge, high voltage N-Channel enhancement mode power MOSFETs.
APT5010JLC ADPOW-APT5010JLC Datasheet
35Kb / 2P
Power MOS VITM is a new generation of low gate charge, high voltage N-Channel enhancement mode power MOSFETs.
APT5014B2LC ADPOW-APT5014B2LC Datasheet
35Kb / 2P
Power MOS VITM is a new generation of low gate charge, high voltage N-Channel enhancement mode power MOSFETs.
APT5015BLC ADPOW-APT5015BLC Datasheet
29Kb / 2P
Power MOS VITM is a new generation of low gate charge, high voltage N-Channel enhancement mode power MOSFETs
APT50M50JLC ADPOW-APT50M50JLC Datasheet
35Kb / 2P
Power MOS VITM is a new generation of low gate charge, high voltage N-Channel enhancement mode power MOSFETs.
APT50M80B2LC ADPOW-APT50M80B2LC Datasheet
36Kb / 2P
Power MOS VITM is a new generation of low gate charge, high voltage N-Channel enhancement mode power MOSFETs.
APT50M80JLC ADPOW-APT50M80JLC Datasheet
35Kb / 2P
Power MOS VITM is a new generation of low gate charge, high voltage N-Channel enhancement mode power MOSFETs.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com