Electronic Components Datasheet Search
  English  ▼

X  

PE8404 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8404
Description  SMA FEMALE FERRITE CIRCULATOR FREQUENCY RANGE: 8 TO 18 GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8404 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8404 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE8404

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8400 PASTERNACK-PE8400 Datasheet
80Kb / 1P
SMA FEMALE FERRITE CIRULATOR FREQUENCY RANGE :1 TO 2GHz
PE8401 PASTERNACK-PE8401 Datasheet
262Kb / 1P
SMA FEMALE FERRITE CIRCULATOR FREQUENCY RANGE:2 TO 4GHz
PE8402 PASTERNACK-PE8402 Datasheet
83Kb / 1P
SMA FEMALE FERRITE CIRCULATOR FREQUENCY RANGE: 4 TO 8 GHz
PE8403 PASTERNACK-PE8403 Datasheet
80Kb / 1P
SMA FEMALE FERRITE CIRCULATOR FREQUENCY RANGE:7-12.4 GHz
PE8405 PASTERNACK-PE8405 Datasheet
91Kb / 1P
SMA FERRITE CIRCURATOR FREQUENCY RANGE : 11 TO 18 GHz
More results

Similar Description - PE8404

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6040 PASTERNACK-PE6040 Datasheet
87Kb / 1P
SMA FEMALE HIGH POWER TERMINATION FREQUENCY RANGE DC TO 18 GHz
PE2207-20 PASTERNACK-PE2207-20 Datasheet
110Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, FREQUENCY RANGE: 12.4-18 GHz
PE2207-30 PASTERNACK-PE2207-30 Datasheet
265Kb / 1P
SMA FEMALE DIRECTION COUPLER FREQUENCY RANGE:12.4 -18 GHz
PE2027 PASTERNACK-PE2027 Datasheet
102Kb / 1P
SMA FEMALE POWER DIVIDER FREQUENCY RANGE: 8*18 GHz
PE2030 PASTERNACK-PE2030 Datasheet
237Kb / 1P
SMA FEMALE POWER DIVIDER FREQUENCY RANGE:8-18 GHz 4 OUTPUT PORTS
PE8300 PASTERNACK-PE8300 Datasheet
248Kb / 1P
FERRITE ISOLAROT SMA FEMALE FREQUENCY RANGE: 1 TO 2 GHz
PE8401 PASTERNACK-PE8401 Datasheet
262Kb / 1P
SMA FEMALE FERRITE CIRCULATOR FREQUENCY RANGE:2 TO 4GHz
PE8402 PASTERNACK-PE8402 Datasheet
83Kb / 1P
SMA FEMALE FERRITE CIRCULATOR FREQUENCY RANGE: 4 TO 8 GHz
PE8403 PASTERNACK-PE8403 Datasheet
80Kb / 1P
SMA FEMALE FERRITE CIRCULATOR FREQUENCY RANGE:7-12.4 GHz
PE8405 PASTERNACK-PE8405 Datasheet
91Kb / 1P
SMA FERRITE CIRCURATOR FREQUENCY RANGE : 11 TO 18 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com