Electronic Components Datasheet Search
  English  ▼

X  

PE8406 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8406
Description  50 Ohm SMA Circulator Operating From 18 GHz to 26.5 GHz And 10 Watts With 17 dB Isolation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8406 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8406 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8406 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE8406 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
50 Ohm SMA Circulator Operating From 18 GHz to 26.5 GHz And 10 Watts With 17 dB Isolation
Configuration
Connector 1
SMA Female
Connector 2
SMA Female
Connector 3
SMA Female
Frequency Range, GHz
18 to 26.5
Design
Circulator
Electrical Specifications
Frequency Range, GHz
18 to 26.5
Impedance, Ohms
50
Maximum Insertion Loss, dB
0.6
Forward Power, Watts
10
Maximum Input VSWR
1.4:1
Minimum Isolation, dB
17
Mechanical Specifications
Temperature
Operating Range, deg C
-54 to +85
Size
Length, in [mm]
1.26 [32]
Width, in [mm]
0.5 [12.7]
Height, in [mm]
1.07 [27.18]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm SMA Circulator Operating From 18 GHz to 26.5 GHz And 10 Watts With 17 dB Isola-
tion PE8406
PE8406
PE8406 REV
50 Ohm SMA Circulator Operating From 18 GHz to
26.5 GHz And 10 Watts With 17 dB Isolation


Similar Part No. - PE8406

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8400 PASTERNACK-PE8400 Datasheet
80Kb / 1P
SMA FEMALE FERRITE CIRULATOR FREQUENCY RANGE :1 TO 2GHz
PE8401 PASTERNACK-PE8401 Datasheet
262Kb / 1P
SMA FEMALE FERRITE CIRCULATOR FREQUENCY RANGE:2 TO 4GHz
PE8402 PASTERNACK-PE8402 Datasheet
83Kb / 1P
SMA FEMALE FERRITE CIRCULATOR FREQUENCY RANGE: 4 TO 8 GHz
PE8403 PASTERNACK-PE8403 Datasheet
80Kb / 1P
SMA FEMALE FERRITE CIRCULATOR FREQUENCY RANGE:7-12.4 GHz
PE8404 PASTERNACK-PE8404 Datasheet
80Kb / 1P
SMA FEMALE FERRITE CIRCULATOR FREQUENCY RANGE: 8 TO 18 GHz
More results

Similar Description - PE8406

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8414 PASTERNACK-PE8414 Datasheet
161Kb / 2P
50 Ohm SMA Circulator Operating From 1.7 GHz to 2.2 GHz And 10 Watts
PE8314 PASTERNACK-PE8314 Datasheet
158Kb / 2P
50 Ohm SMA Isolator Operating From 3.5 GHz to 12.8 GHz And 2 Watts With 17 dB Isolation
PE8315 PASTERNACK-PE8315 Datasheet
157Kb / 2P
50 Ohm SMA Isolator Operating From 4 GHz to 18 GHz And 10 Watts With 15 dB Isolation
PE8317 PASTERNACK-PE8317 Datasheet
156Kb / 2P
50 Ohm SMA Isolator Operating From 2 GHz to 10 GHz And 10 Watts With 13 dB Isolation
PE8328 PASTERNACK-PE8328 Datasheet
319Kb / 2P
50 Ohm SMA Isolator Operating From 6 GHz to 18 GHz And 10 Watts With 14 dB Isolation
PE8302 PASTERNACK-PE8302 Datasheet
159Kb / 2P
50 Ohm SMA Isolator Operating From 4 GHz to 8 GHz And 10 Watts With 18 dB Isolation
PE8306 PASTERNACK-PE8306 Datasheet
161Kb / 2P
50 Ohm SMA Isolator Operating From 18 GHz to 26.5 GHz And 1 Watts With 17 dB Isolation
PE8413 PASTERNACK-PE8413 Datasheet
159Kb / 2P
50 Ohm N Circulator Operating From 7 GHz to 12.4 GHz And 10 Watts With 20 dB Isolation
PE8432 PASTERNACK-PE8432 Datasheet
319Kb / 2P
50 Ohm SMA Circulator Operating From 2 GHz to 6 GHz And 25 Watts With 14 dB Isolation
PE8433 PASTERNACK-PE8433 Datasheet
321Kb / 2P
50 Ohm SMA Circulator Operating From 6 GHz to 18 GHz And 10 Watts With 14 dB Isolation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com