Electronic Components Datasheet Search
  English  ▼

X  

PE8602 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE8602
Description  50 Ohm SMA Frequency Doubler With Input From 4000 MHz To 9000 MHz And Output From 8000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8602 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE8602 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8602 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE8602 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
© 2013 Pasternack Enterprises All Rights Reserved
PE8602 REV
50 Ohm SMA Frequency Doubler With Input From 4000 MHz To 9000 MHz
And Output From 8000 MHz To 18000 MHz With 10 dB Conversion Loss
PE8602
CAD Drawing



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com