Electronic Components Datasheet Search
  English  ▼

X  

PE8603 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8603
Description  50 Ohm SMA Frequency Doubler With Input From 9000 MHz To 13000 MHz And Output From 18000 MHz To 26000 MHz With 10 dB Conversion Loss
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8603 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8603 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8603 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE8603 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
50 Ohm SMA Frequency Doubler With Input From 9000 MHz To 13000 MHz And Output From 18000 MHz
To 26000 MHz With 10 dB Conversion Loss
Configuration
Design
Doubler
Input Connector
SMA Female
Input Connector Impedance
50 Ohms
Output Connector
SMA Female
Electrical Specifications
Input Frequency Range, GHz
9 to 13
Output Frequency Range, GHz
18 to 26
Fundamental Isolation, dB
25
1dB Compression Point, dBm
13
Mechanical Specifications
Size
Length, in [mm]
1.55 [39.37]
Width/Dia., in [mm]
0.31 [7.87]
Height, in [mm]
0.59 [14.99]
.
Input Connector
Type
SMA Female
Output Connector
Type
SMA Female
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm SMA Frequency Doubler With Input From 9000 MHz To 13000 MHz And Output From
18000 MHz To 26000 MHz With 10 dB Conversion Loss PE8603
PE8603
PE8603 REV
50 Ohm SMA Frequency Doubler With Input From
9000 MHz To 13000 MHz And Output From 18000 MHz
To 26000 MHz With 10 dB Conversion Loss


Similar Part No. - PE8603

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8600 PASTERNACK-PE8600 Datasheet
223Kb / 3P
50 Ohm SMA Frequency Doubler With Input From 1500 MHz To 5000 MHz And Output From 3000 MHz To 10000 MHz With 8.5 dB Conversion Loss
PE8601 PASTERNACK-PE8601 Datasheet
224Kb / 1P
50 Ohm SMA Frequency Doubler With Input From2000 MHz To 6000 MHz And Output From 2000 MHz To 6000 MHz With 11 dB Conversion Loss
PE8602 PASTERNACK-PE8602 Datasheet
221Kb / 3P
50 Ohm SMA Frequency Doubler With Input From 4000 MHz To 9000 MHz And Output From 8000 MHz
More results

Similar Description - PE8603

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8600 PASTERNACK-PE8600 Datasheet
223Kb / 3P
50 Ohm SMA Frequency Doubler With Input From 1500 MHz To 5000 MHz And Output From 3000 MHz To 10000 MHz With 8.5 dB Conversion Loss
PE8601 PASTERNACK-PE8601 Datasheet
224Kb / 1P
50 Ohm SMA Frequency Doubler With Input From2000 MHz To 6000 MHz And Output From 2000 MHz To 6000 MHz With 11 dB Conversion Loss
PE8602 PASTERNACK-PE8602 Datasheet
221Kb / 3P
50 Ohm SMA Frequency Doubler With Input From 4000 MHz To 9000 MHz And Output From 8000 MHz
PE8424 PASTERNACK-PE8424 Datasheet
162Kb / 2P
50 Ohm SMA Isolator Operating From 380 MHz to 460 MHz And 1000 Watts
PE8321 PASTERNACK-PE8321 Datasheet
315Kb / 2P
50 Ohm SMA Isolator Operating From 135 MHz to 175 MHz And 150 Watts With 20 dB Isolation
PE8323 PASTERNACK-PE8323 Datasheet
315Kb / 2P
50 Ohm SMA Isolator Operating From 330 MHz to 403 MHz And 150 Watts With 20 dB Isolation
PE8325 PASTERNACK-PE8325 Datasheet
316Kb / 2P
50 Ohm SMA Isolator Operating From 450 MHz to 520 MHz And 150 Watts With 20 dB Isolation
PE8426 PASTERNACK-PE8426 Datasheet
318Kb / 2P
50 Ohm SMA Circulator Operating From 135 MHz to 175 MHz And 150 Watts With 20 dB Isolation
PE8428 PASTERNACK-PE8428 Datasheet
317Kb / 2P
50 Ohm SMA Circulator Operating From 330 MHz to 403 MHz And 150 Watts With 20 dB Isolation
PE8430 PASTERNACK-PE8430 Datasheet
318Kb / 2P
50 Ohm SMA Circulator Operating From 450 MHz to 520 MHz And 150 Watts With 20 dB Isolation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com