Electronic Components Datasheet Search
  English  ▼

X  

MINT3110 Datasheet(PDF) 1 Page - SL Power Electronics

Part # MINT3110
Description  110W Triple Output Medical Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT3110 Datasheet(HTML) 1 Page - SL Power Electronics

  MINT3110 Datasheet HTML 1Page - SL Power Electronics MINT3110 Datasheet HTML 2Page - SL Power Electronics MINT3110 Datasheet HTML 3Page - SL Power Electronics MINT3110 Datasheet HTML 4Page - SL Power Electronics MINT3110 Datasheet HTML 5Page - SL Power Electronics MINT3110 Datasheet HTML 6Page - SL Power Electronics MINT3110 Datasheet HTML 7Page - SL Power Electronics MINT3110 Datasheet HTML 8Page - SL Power Electronics MINT3110 Datasheet HTML 9Page - SL Power Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
2” x 4” x 1.3” Package
Suitable for 1U Applications
Class I and Class II versions
110W w/air, 80W convection cooled
Universal Input 90-264Vac
Efficiency 87% typical
Approved to CSA/EN/IEC/UL60601-1, 3
rd
Edition
2 x MOPP Isolation
Power Fail Signal
Remote Sense (optional)
3 Year Warranty
RoHS Compliant
Description
The MINT3110 Series are medical grade, high efficiency, triple output power supplies in a small 2” x 4” size. The
MINT3110 family is ideal for medical applications in surgical and laboratory instruments requiring low leakage, multiple
outputs and small footprint. Surpassing the strict requirements of IEC 60601-1 3
rd edition, the MINT3110 models feature
outputs of 5/±12V, 5/±15V, 5/±24V, Power Fail/DC OK signal, very low earth leakage current of 200μA, Class B
Conducted EMI, 2 MOPP (means of patient protection) isolation, and are available in Class I and Class II configurations.
Model Selection
Model
Output Current**
Ripple &
Total
OVP
Number
Volts*
w/200LFM air
Convection
Noise***
Regulation
Threshold
MINT3110A0508K01
V1
5V
14.0A
10.0A
1.0% pk-pk
2%
7.5V max.
V2
12V
6.0A
4.5A
1.0% pk-pk
3%
115%-135%
V3
-12V
1.0A
1.0A
2.0% pk-pk
10%
115%-135%
MINT3110A1708K01
V1
5V
14.0A
10.0A
1.0% pk-pk
2%
7.5V max.
V2
15V
4.5A
3.5A
1.0% pk-pk
3%
115%-135%
V3
-15V
1.0A
1.0A
2.0% pk-pk
10%
115%-135%
MINT3110A1908K01
V1
5V
12.0A
8.0A
1.0% pk-pk
2%
7.5V max.
V2
24V
4.0A
3.0A
1.0% pk-pk
3%
115%-135%
V3
-24V
1.0A
1.0A
2.0% pk-pk
10%
115%-135%
Notes:
*
5V output is adjustable with +/-10% range
** Total convection power is 80 Watts.
*** Measured with noise probe directly across output terminals, and load terminated with 0.1μF ceramic and 10μF low ESR capacitors. Ripple & Noise of V2 at no
load is 2% maximum.
General Specifications
AC Input
100-240Vac, ±10%, 47-63Hz, 1
120–370Vdc
Turn On Time
Less than 2 sec. @115Vac (inversely
proportional to input voltage and thermistor
temperature)
Input Current
115Vac: 1.5A, 230Vac: 0.75A
Hold-up Time
16mS typical at 110W, 120Vac input


Similar Part No. - MINT3110

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT3110A0508K01 SLPOWER-MINT3110A0508K01 Datasheet
5Mb / 10P
110W Triple Output Medical Series
MINT3110A1708K01 SLPOWER-MINT3110A1708K01 Datasheet
5Mb / 10P
110W Triple Output Medical Series
MINT3110A1908K01 SLPOWER-MINT3110A1908K01 Datasheet
5Mb / 10P
110W Triple Output Medical Series
MINT3110 SLPOWER-MINT3110_14 Datasheet
5Mb / 10P
110W Triple Output Medical Series
More results

Similar Description - MINT3110

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MPT-65 MEANWELL-MPT-65 Datasheet
337Kb / 2P
65W Triple Output Medical Type
RPT-60 MEANWELL-RPT-60 Datasheet
777Kb / 3P
60W Triple Output Medical Type
RPT-75 MEANWELL-RPT-75 Datasheet
527Kb / 3P
75W Triple Output Medical Type
MPT-45 MEANWELL-MPT-45_11 Datasheet
307Kb / 2P
45W Triple Output Medical Type
MPT-65 MEANWELL-MPT-65_11 Datasheet
340Kb / 2P
65W Triple Output Medical Type
RPT-60 MEANWELL-RPT-60_11 Datasheet
789Kb / 3P
60W Triple Output Medical Type
RPT-60 MEANWELL-RPT-60_12 Datasheet
821Kb / 3P
60W Triple Output Medical Type
MPT-65_1112 MEANWELL-MPT-65_1112 Datasheet
355Kb / 2P
65W Triple Output Medical Type
logo
SL Power Electronics
MINT1110A SLPOWER-MINT1110A Datasheet
489Kb / 3P
110W Single Output Series
MINT3110 SLPOWER-MINT3110_14 Datasheet
5Mb / 10P
110W Triple Output Medical Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com