Electronic Components Datasheet Search
  English  ▼

X  

ASMB-822I Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ASMB-822I
Description  Intel LGA2011 Xeon짰 E5 ATX Server Board with 6 x DDR3, 5 x PCIe x16 slot (Gen 3.0), USB 3.0, IPMI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-822I Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ASMB-822I Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-822I Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
ASMB-822I
Ordering Information
Part Number
Chipset Memory
LAN
IPMI
Graphic
ASMB-822-00A1E
C602J
DDR3 Non-ECC/
ECC/REG
2
-
AST1300
ASMB-822I-00A1E C602J
DDR3 Non-ECC/
ECC/REG
2
Yes
AST2300
Packing List
Part Number
Description
Quantity
2062822I00
Driver CD
x 1
2002822I10
Startup manual
x 1
1700003194
SATA data cables
x 2
1703150102
SATA power cables
x 2
1960048321T010
I/O shield
x 1
ASMB-BMC-00A1E
BMC module
(only included in ASMB-822I SKU)
x 1
Optional Accessories
Part Number
Description
1960058073N001
2U CPU cooler for ASMB-822I
ASMB-RF3X8-21A1E 2U Riser Card (2 x PCI-X + 1 x PCIe x8)
PCA-AUDIO-HDA1E
HD Audio-card
PCA-TPM-00A1E
TPM Module by LPC
1700002204
Dual port USB cable (27 cm) with bracket
1700008461
Four port USB cable (30.5 cm) with bracket
1701260305
COM + Printer Port Cable Kit
Bracket View
ASMB-822I-00A1E
ASMB-822-00A1E
CHD
Intel E5-2600(v2) series
processor
DDR3 1066/1333/1600 x1
CHC
DDR3 1066/1333/1600 x2
CHB
DDR3 1066/1333/1600 x1
Intel C602J PCH
PCIE x8 slot(x4 link)-7
PCI slot-1
33 MHz
TPM(Optional)
SPI BIOS
Intel 82579LM
GbE PHY
RJ45
RJ45
Intel I210 GbE
12 x USB2.0 port
(4 x REAR; 6 x ONBOARD; 2 x TYPE-A)
ASPEED AST2300/1300
RJ45
VGA
Realtek
8201EL
SATA1~2
SATA3~6
LPC Conn
Super I/O
NCT6776F
CASE OPEN
5*FAN
2*COM PORT
PS/2 KB,MS
LPT
CHA
DDR3 1066/1333/1600 x2
PCIE Switch
PCIE Switch
PCIE x1
uPD720202
2 x USB3.0
(REAR SIDE)
PCIE x16 slot(x8 link)-5
PCIE x16 slot(x8 or x16 link)-4
PCIE x16 slot(x8 link)-3
PCIE x16 slot(x8 link)-2
PCIE x16 slot(x8 or x16link)-6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com