Electronic Components Datasheet Search
  English  ▼

X  

PE9612 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9612
Description  75 Ohm N Male to Mini SMB Plug Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9612 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9612 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9612 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm N Male to Mini SMB Plug Adapter
Configuration
Connector 1
N Male
Impedance 1
75 Ohms
Connector Specification 1
MIL-C-39012
Connector 2
Mini SMB Plug
Impedance 2
75 Ohms
Connector Specification 2
MIL-C-39012
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.28 [32.51]
Width/Dia., in [mm]
0.8 [20.32]
.
Connector 1
Type
N Male
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
Mini SMB Plug
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-male-mini-smb-plug-straight-adapter-pe9612-p.aspx
75 Ohm N Male to Mini SMB Plug Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
75 Ohm N Male to Mini SMB Plug Adapter
PE9612
PE9612 REV


Similar Part No. - PE9612

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9610 PASTERNACK-PE9610 Datasheet
78Kb / 1P
MINI 75 OHM SMB PLUG TO MINI 75 OHM SMB JACK
PE9611 PASTERNACK-PE9611 Datasheet
260Kb / 3P
Bulkhead 75 Ohm Mini SMB Jack to Mini SMB Jack Adapter
PE9613 PASTERNACK-PE9613 Datasheet
238Kb / 2P
75 Ohm N Female to Mini SMB Plug Adapter
PE9614 PASTERNACK-PE9614 Datasheet
240Kb / 2P
75 Ohm N Male to Mini SMB Jack Adapter
PE9615 PASTERNACK-PE9615 Datasheet
254Kb / 2P
75 Ohm N Female to Mini SMB Jack Adapter
More results

Similar Description - PE9612

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9271 PASTERNACK-PE9271 Datasheet
245Kb / 2P
75 Ohm SMB Plug to SMB Plug Adapter
PE9584 PASTERNACK-PE9584 Datasheet
251Kb / 2P
75 Ohm N Male to SMB Plug Adapter
PE9609 PASTERNACK-PE9609 Datasheet
79Kb / 1P
MINI 75 OHM SMB PLUG TO MINI 75 OHM SMB PLUG
PE9610 PASTERNACK-PE9610 Datasheet
78Kb / 1P
MINI 75 OHM SMB PLUG TO MINI 75 OHM SMB JACK
PE9613 PASTERNACK-PE9613 Datasheet
238Kb / 2P
75 Ohm N Female to Mini SMB Plug Adapter
PE9614 PASTERNACK-PE9614 Datasheet
240Kb / 2P
75 Ohm N Male to Mini SMB Jack Adapter
PE9616 PASTERNACK-PE9616 Datasheet
253Kb / 2P
75 Ohm Mini SMB Plug to BNC Male Adapter
PE9271 PASTERNACK-PE9271 Datasheet
240Kb / 2P
75 Ohm SMB Plug to SMB Plug Adapter
PE34703 PASTERNACK-PE34703 Datasheet
392Kb / 3P
75 Ohm Mini SMB Plug to 75 Ohm BNC Male
PE34703LF PASTERNACK-PE34703LF Datasheet
398Kb / 3P
75 Ohm Mini SMB Plug to 75 Ohm BNC Male
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com