Electronic Components Datasheet Search
  English  ▼

X  

PE9613 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9613
Description  75 Ohm N Female to Mini SMB Plug Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9613 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9613 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9613 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm N Female to Mini SMB Plug Adapter
Configuration
Connector 1
N Female
Impedance 1
75 Ohms
Connector 2
Mini SMB Plug
Impedance 2
75 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.37 [34.8]
Width/Dia., in [mm]
0.625 [15.88]
.
Connector 1
Type
N Female
Inner Conductor Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
Mini SMB Plug
Inner Conductor Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-female-mini-smb-plug-straight-adapter-pe9613-p.aspx
75 Ohm N Female to Mini SMB Plug Adapter from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
75 Ohm N Female to Mini SMB Plug Adapter
PE9613
PE9613 REV


Similar Part No. - PE9613

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9610 PASTERNACK-PE9610 Datasheet
78Kb / 1P
MINI 75 OHM SMB PLUG TO MINI 75 OHM SMB JACK
PE9611 PASTERNACK-PE9611 Datasheet
260Kb / 3P
Bulkhead 75 Ohm Mini SMB Jack to Mini SMB Jack Adapter
PE9612 PASTERNACK-PE9612 Datasheet
253Kb / 2P
75 Ohm N Male to Mini SMB Plug Adapter
PE9614 PASTERNACK-PE9614 Datasheet
240Kb / 2P
75 Ohm N Male to Mini SMB Jack Adapter
PE9615 PASTERNACK-PE9615 Datasheet
254Kb / 2P
75 Ohm N Female to Mini SMB Jack Adapter
More results

Similar Description - PE9613

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9271 PASTERNACK-PE9271 Datasheet
245Kb / 2P
75 Ohm SMB Plug to SMB Plug Adapter
PE9583 PASTERNACK-PE9583 Datasheet
251Kb / 2P
75 Ohm N Female to SMB Jack Adapter
PE9585 PASTERNACK-PE9585 Datasheet
252Kb / 2P
75 Ohm N Female to SMB Plug Adapter
PE9609 PASTERNACK-PE9609 Datasheet
79Kb / 1P
MINI 75 OHM SMB PLUG TO MINI 75 OHM SMB PLUG
PE9610 PASTERNACK-PE9610 Datasheet
78Kb / 1P
MINI 75 OHM SMB PLUG TO MINI 75 OHM SMB JACK
PE9612 PASTERNACK-PE9612 Datasheet
253Kb / 2P
75 Ohm N Male to Mini SMB Plug Adapter
PE9615 PASTERNACK-PE9615 Datasheet
254Kb / 2P
75 Ohm N Female to Mini SMB Jack Adapter
PE9617 PASTERNACK-PE9617 Datasheet
251Kb / 2P
75 Ohm Mini SMB Plug to BNC Female Adapter
PE9619 PASTERNACK-PE9619 Datasheet
251Kb / 2P
75 Ohm Mini SMB Jack to BNC Female Adapter
PE9271 PASTERNACK-PE9271 Datasheet
240Kb / 2P
75 Ohm SMB Plug to SMB Plug Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com