Electronic Components Datasheet Search
  English  ▼

X  

PE9616 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9616
Description  75 Ohm Mini SMB Plug to BNC Male Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9616 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9616 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9616 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm Mini SMB Plug to BNC Male Adapter
Configuration
Connector 1
Mini SMB Plug
Impedance 1
75 Ohms
Connector Specification 1
MIL-C-39012
Connector 2
BNC Male
Impedance 2
75 Ohms
Connector Specification 2
MIL-C-39012
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.195 [30.35]
Width/Dia., in [mm]
0.57 [14.48]
.
Connector 1
Type
Mini SMB Plug
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
BNC Male
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/mini-smb-plug-bnc-male-straight-adapter-pe9616-p.aspx
75 Ohm Mini SMB Plug to BNC Male Adapter from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
75 Ohm Mini SMB Plug to BNC Male Adapter
PE9616
PE9616 REV


Similar Part No. - PE9616

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9610 PASTERNACK-PE9610 Datasheet
78Kb / 1P
MINI 75 OHM SMB PLUG TO MINI 75 OHM SMB JACK
PE9611 PASTERNACK-PE9611 Datasheet
260Kb / 3P
Bulkhead 75 Ohm Mini SMB Jack to Mini SMB Jack Adapter
PE9612 PASTERNACK-PE9612 Datasheet
253Kb / 2P
75 Ohm N Male to Mini SMB Plug Adapter
PE9613 PASTERNACK-PE9613 Datasheet
238Kb / 2P
75 Ohm N Female to Mini SMB Plug Adapter
PE9614 PASTERNACK-PE9614 Datasheet
240Kb / 2P
75 Ohm N Male to Mini SMB Jack Adapter
More results

Similar Description - PE9616

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9617 PASTERNACK-PE9617 Datasheet
251Kb / 2P
75 Ohm Mini SMB Plug to BNC Female Adapter
PE9618 PASTERNACK-PE9618 Datasheet
255Kb / 2P
75 Ohm Mini SMB Jack to BNC Male Adapter
PE34703 PASTERNACK-PE34703 Datasheet
392Kb / 3P
75 Ohm Mini SMB Plug to 75 Ohm BNC Male
PE34703-12 PASTERNACK-PE34703-12 Datasheet
394Kb / 3P
75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703-24 PASTERNACK-PE34703-24 Datasheet
394Kb / 3P
75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703-36 PASTERNACK-PE34703-36 Datasheet
394Kb / 3P
75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703-48 PASTERNACK-PE34703-48 Datasheet
394Kb / 3P
75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703LF PASTERNACK-PE34703LF Datasheet
398Kb / 3P
75 Ohm Mini SMB Plug to 75 Ohm BNC Male
PE34703LF-24 PASTERNACK-PE34703LF-24 Datasheet
399Kb / 3P
75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703LF-48 PASTERNACK-PE34703LF-48 Datasheet
400Kb / 3P
75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com