Electronic Components Datasheet Search
  English  ▼

X  

PE1002-2 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE1002-2
Description  Field Replacable Tab Contact 0.036 Contact Diameter And .005 x .020 Tab
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1002-2 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE1002-2 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1002-2 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Field Replacable Tab Contact 0.036 Contact Diameter And .005 x .020 Tab
Configuration
Description
Field Replacable Tab Contact
Contact Diameter, in [mm]
0.036 [0.91]
Tab Size, in
.005 x .020
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Field Replacable Tab Contact 0.036 Contact Diameter And .005 x .020 Tab from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Field Replacable Tab Contact 0.036 Contact Diameter And .005 x .020 Tab PE1002-2
URL:
http://www.pasternack.com/field-replacable-tab-contact-0.036-contact-diameter-.005x.020-tab-pe1002-2-p.aspx
PE1002-2
PE1002-2 REV
Field Replacable Tab Contact 0.036 Contact
Diameter And .005 x .020 Tab


Similar Part No. - PE1002-2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1002-1 PASTERNACK-PE1002-1 Datasheet
199Kb / 2P
Field Replacable Tab Contact 0.02 Contact Diameter And .005 x .020 Tab
More results

Similar Description - PE1002-2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44328 PASTERNACK-PE44328 Datasheet
80Kb / 1P
F FEMALE BULKHEAD REAR MOUNT, TAB CONTACT
PE1002-1 PASTERNACK-PE1002-1 Datasheet
199Kb / 2P
Field Replacable Tab Contact 0.02 Contact Diameter And .005 x .020 Tab
logo
Amphenol Corporation
132357-57355 AMPHENOL-132357-57355 Datasheet
70Kb / 2P
SMA END LAUNCH RECEPTACLE JACK(TAB CONTACT)
logo
Tyco Electronics
171457-1 MACOM-171457-1 Datasheet
56Kb / 1P
HOUSING, 66NYLON TAB CONTACT, BRASS
A9AAT-0902F MACOM-A9AAT-0902F Datasheet
80Kb / 1P
CONTACT, SOLDER TAB, FFC, .100CL
282109 MACOM-282109 Datasheet
70Kb / 1P
MINI MIC SRS TAB CONTACT
A9AAT-1502F MACOM-A9AAT-1502F Datasheet
82Kb / 1P
CONTACT, SOLDER TAB, FFC
A9AAT-0202F MACOM-A9AAT-0202F Datasheet
80Kb / 1P
CONTACT, SOLDER TAB, FFC, 100
logo
TE Connectivity Ltd
173645 TEC-173645 Datasheet
83Kb / 1P
070 SERIES TAB CONTACT
16MAY06
66169-2 TEC-66169-2 Datasheet
101Kb / 1P
AMP-TAB MALE CONTACT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com