Electronic Components Datasheet Search
  English  ▼

X  

PE9627 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9627
Description  75 OHM N MALE TO 75 OHM TNC FEMALE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9627 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9627 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE9627

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9620 PASTERNACK-PE9620 Datasheet
387Kb / 4P
Precision SMA Female to SMA Female Bulkhead Mount Adapter, With O-Ring
logo
Pletronics, Inc.
PE9620DEV PLETRONICS-PE9620DEV Datasheet
138Kb / 8P
PE96/PE98 Series 3.3 V PECL Clock Oscillators
PE9620DV PLETRONICS-PE9620DV Datasheet
138Kb / 8P
PE96/PE98 Series 3.3 V PECL Clock Oscillators
logo
Pasternack Enterprises,...
PE9621 PASTERNACK-PE9621 Datasheet
358Kb / 4P
SMA Male to SMA Female Bulkhead Adapter
PE9622 PASTERNACK-PE9622 Datasheet
244Kb / 2P
75 Ohm TNC Female to TNC Female Adapter
More results

Similar Description - PE9627

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9626 PASTERNACK-PE9626 Datasheet
246Kb / 3P
75 Ohm N Male to TNC Male Adapter
PE9628 PASTERNACK-PE9628 Datasheet
246Kb / 2P
75 Ohm N Female to TNC Male Adapter
PE9629 PASTERNACK-PE9629 Datasheet
244Kb / 2P
75 Ohm N Female to TNC Female Adapter
PE9630 PASTERNACK-PE9630 Datasheet
247Kb / 2P
75 Ohm TNC Female to BNC Male Adapter
PE9631 PASTERNACK-PE9631 Datasheet
255Kb / 2P
75 Ohm TNC Male to BNC Female Adapter
PE35368 PASTERNACK-PE35368 Datasheet
107Kb / 1P
CABLE ASSEMBLY RG216/U 75 OHM TNC MALE TO 75 OHM TNC MALE
PE35368LF PASTERNACK-PE35368LF Datasheet
104Kb / 1P
CABLE ASSEMBLY RG216/U 75 OHM TNC MALE TO 75 OHM TNC MALE
PE35364 PASTERNACK-PE35364 Datasheet
265Kb / 1P
CABLE ASSEMBLY, RG187A/U, 75 OHM TNC MALE TO 75 OHM TNC MALE
PE3TC1201-24 PASTERNACK-PE3TC1201-24 Datasheet
372Kb / 4P
75 Ohm N Male to 75 Ohm N Female Low Frequency Cable
PE91080 PASTERNACK-PE91080 Datasheet
432Kb / 4P
75 Ohm TNC Male to F Female Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com