Electronic Components Datasheet Search
  English  ▼

X  

PE9632 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9632
Description  75 Ohm F Male to PAL Jack Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9632 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9632 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9632 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm F Male to PAL Jack Adapter
Configuration
Connector 1
F Male
Impedance 1
75 Ohms
Connector 2
PAL Jack
Impedance 2
75 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.235 [31.37]
Width/Dia., in [mm]
0.438 [11.13]
.
Connector 1
Type
F Male
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
3µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Hex Size, in.
7/16
Torque, in-lbs [Nm]
15 [1.7]
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Connector 2
Type
PAL Jack
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
3µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/f-male-pal-jack-straight-adapter-pe9632-p.aspx
75 Ohm F Male to PAL Jack Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
75 Ohm F Male to PAL Jack Adapter
PE9632
PE9632 REV


Similar Part No. - PE9632

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9630 PASTERNACK-PE9630 Datasheet
247Kb / 2P
75 Ohm TNC Female to BNC Male Adapter
PE9631 PASTERNACK-PE9631 Datasheet
255Kb / 2P
75 Ohm TNC Male to BNC Female Adapter
PE9633 PASTERNACK-PE9633 Datasheet
243Kb / 2P
75 Ohm F Male to PAL Plug Adapter
PE9634 PASTERNACK-PE9634 Datasheet
246Kb / 2P
75 Ohm F Female to PAL Jack Adapter
PE9635 PASTERNACK-PE9635 Datasheet
244Kb / 2P
75 Ohm F Female to PAL Plug Adapter
More results

Similar Description - PE9632

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9159 PASTERNACK-PE9159 Datasheet
234Kb / 2P
75 Ohm F Male to F Male Adapter
PE9168 PASTERNACK-PE9168 Datasheet
235Kb / 2P
75 Ohm F Female to RCA Jack Adapter
PE9633 PASTERNACK-PE9633 Datasheet
243Kb / 2P
75 Ohm F Male to PAL Plug Adapter
PE9634 PASTERNACK-PE9634 Datasheet
246Kb / 2P
75 Ohm F Female to PAL Jack Adapter
PE9635 PASTERNACK-PE9635 Datasheet
244Kb / 2P
75 Ohm F Female to PAL Plug Adapter
PE9759 PASTERNACK-PE9759 Datasheet
245Kb / 2P
Precision 75 Ohm F Male to F Female Adapter
PE9760 PASTERNACK-PE9760 Datasheet
243Kb / 2P
Precision 75 Ohm F Male to F Male Adapter
PE9152 PASTERNACK-PE9152 Datasheet
237Kb / 2P
50 Ohm BNC Male to 75 Ohm F Male Adapter
PE91081 PASTERNACK-PE91081 Datasheet
242Kb / 3P
75 Ohm TNC Male to F Male Adapter
PE91348 PASTERNACK-PE91348 Datasheet
338Kb / 3P
Precision 75 Ohm F Male to F Male Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com