Electronic Components Datasheet Search
  English  ▼

X  

PE9646 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9646
Description  Precision 2.92mm Female to 2.92mm Female Right Angle Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9646 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9646 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9646 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9646 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Precision 2.92mm Female to 2.92mm Female Right Angle Adapter
Configuration
Connector 1
2.92mm Female
Impedance 1
50 Ohms
Connector 2
2.92mm Female
Impedance 2
50 Ohms
Adapter Design
Precision
Body Style
Right Angle
Electrical Specifications
Frequency Range, GHz
DC to 40
Maximum VSWR
1.3:1
Maximum Insertion Loss, dB
0.31
Mechanical Specifications
Temperature
Operating Range,deg C
-55 to +100
Size
Length, in [mm]
0.585 [14.86]
Width/Dia., in [mm]
0.25 [6.35]
Height, in [mm]
0.585 [14.86]
.
Connector 1
Type
2.92mm Female
Mating Cycles
500
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type II, Class 1
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
ASTM A380
Dielectric Type
PPO
Connector 2
Type
2.92mm Female
Mating Cycles
500
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type II, Class 1
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
ASTM A380
Dielectric Type
PPO
Precision 2.92mm Female to 2.92mm Female Right Angle Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision 2.92mm Female to 2.92mm Female Right Angle Adapter PE9646
PE9646
PE9646 REV


Similar Part No. - PE9646

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9640 PASTERNACK-PE9640 Datasheet
248Kb / 3P
Precision Bulkhead 2.4mm Female to 2.4mm Female Adapter
PE9641 PASTERNACK-PE9641 Datasheet
252Kb / 3P
Precision SMA Male to SMA Female Radius Right Angle Adapter
PE9642 PASTERNACK-PE9642 Datasheet
363Kb / 4P
SMA Male to SMA Male Right Angle Adapter
PE9644 PASTERNACK-PE9644 Datasheet
249Kb / 3P
Precision 2.92mm Male to 2.92mm Female Right Angle Adapter
logo
Pletronics, Inc.
PE9644DEV PLETRONICS-PE9644DEV Datasheet
138Kb / 8P
PE96/PE98 Series 3.3 V PECL Clock Oscillators
More results

Similar Description - PE9646

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9437 PASTERNACK-PE9437 Datasheet
239Kb / 3P
Precision 2.92mm Male to 2.92mm Female Adapter
PE9438 PASTERNACK-PE9438 Datasheet
247Kb / 3P
Precision 2.92mm Female to 2.92mm Female Adapter
PE9456 PASTERNACK-PE9456 Datasheet
238Kb / 3P
Precision 2.92mm Female to 2.4mm Female Adapter
PE9644 PASTERNACK-PE9644 Datasheet
249Kb / 3P
Precision 2.92mm Male to 2.92mm Female Right Angle Adapter
PE9647 PASTERNACK-PE9647 Datasheet
256Kb / 3P
Precision 2.92mm Female to 2.92mm Female Bulkhead Adapter
PE9660 PASTERNACK-PE9660 Datasheet
242Kb / 2P
Precision 3.5mm Female to 2.92mm Female Adapter
PE9664 PASTERNACK-PE9664 Datasheet
251Kb / 2P
Precision 2.92mm Female to N Female Adapter
PE91011 PASTERNACK-PE91011 Datasheet
246Kb / 3P
Precision SMA Female to 2.92mm Female Adapter
PE91070 PASTERNACK-PE91070 Datasheet
243Kb / 3P
Precision 2.92mm Male to 2.92mm Female Radius Right Angle Adapter Up To 40GHz
PE91113 PASTERNACK-PE91113 Datasheet
249Kb / 3P
Precision 4 Hole Flange 2.92mm Female to 2.92mm Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com