Electronic Components Datasheet Search
  English  ▼

X  

PE8212 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8212
Description  50 Ohm SMA Inner/Outer DC Block Operating From 10 MHz to 18 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8212 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8212 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8212 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
50 Ohm SMA Inner/Outer DC Block Operating From 10 MHz to 18 GHz
Configuration
Design
Inner/Outer DC Block
Body Style
Straight
Impedance
50 Ohms
Connector 1
SMA Male
Connector Specification 1
MIL-C-39012
Connector 2
SMA Female
Connector Specification 2
MIL-C-39012
Electrical Specifications
Frequency Range, GHz
0.01 to 18
Impedance, Ohms
50
Maximum VSWR
1.35:1
Maximum Insertion Loss, dB
0.5
Maximum Operating Voltage, Vrms
200
Mechanical Specifications
Size
Length, in [mm]
1.2 [30.48]
Width/Dia., in [mm]
0.5 [12.7]
.
Weight, lbs [g]
0.018 [8.16]
Connector 1
Type
SMA Male
Hex Size, in.
5/16
Connector 2
Type
SMA Female
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/50-ohm-sma-inner-outer-dc-block-0.1-18-ghz-pe8212-p.aspx
50 Ohm SMA Inner/Outer DC Block Operating From 10 MHz to 18 GHz from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
50 Ohm SMA Inner/Outer DC Block
Operating From 10 MHz to 18 GHz
PE8212
PE8212 REV


Similar Part No. - PE8212

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8210 PASTERNACK-PE8210 Datasheet
250Kb / 3P
DC Block on lnner Conductor 50 Ohm SMA Male to SMA Female Operating From 10 MHz to 18 GHz
PE8211 PASTERNACK-PE8211 Datasheet
249Kb / 3P
DC Block on Outer Conductor 50 Ohm SMA Male to SMA Female Operating From 10 MHz to 18 GHz
PE8213 PASTERNACK-PE8213 Datasheet
88Kb / 1P
N MALE TO N FEMALE D,C BLOCK(INNER) FREQUENCY RANGE: 10MHz TO 18 GHz
PE8214 PASTERNACK-PE8214 Datasheet
247Kb / 3P
DC Block on Outer Conductor 50 Ohm N Male to N Female Operating From 10 MHz to 18 GHz
PE8215 PASTERNACK-PE8215 Datasheet
90Kb / 1P
N MALE TO N FEMALE D,C BLOCK (INNER & OUTER) FREQUENCY RANGE; 10MHz TO 18 GHz
More results

Similar Description - PE8212

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8210 PASTERNACK-PE8210 Datasheet
250Kb / 3P
DC Block on lnner Conductor 50 Ohm SMA Male to SMA Female Operating From 10 MHz to 18 GHz
PE8211 PASTERNACK-PE8211 Datasheet
249Kb / 3P
DC Block on Outer Conductor 50 Ohm SMA Male to SMA Female Operating From 10 MHz to 18 GHz
PE8218 PASTERNACK-PE8218 Datasheet
192Kb / 3P
DC Block on Inner and Outer Conductor 50 Ohm BNC Male to BNC Female Operating From 10 MHz to 4 GHz
PE8221 PASTERNACK-PE8221 Datasheet
212Kb / 3P
50 Ohm TNC DC Block Operating From 10 MHz to 18 GHz
PE8224 PASTERNACK-PE8224 Datasheet
208Kb / 2P
50 Ohm 2.92mm DC Block Operating From 10 MHz to 26.5 GHz
PE8227 PASTERNACK-PE8227 Datasheet
179Kb / 3P
DC Block on Inner and Outer Conductor 50 Ohm 2.92mm Male to 2.92mm Female Operating From 10 MHz to 40 GHz
PE8250 PASTERNACK-PE8250 Datasheet
216Kb / 1P
HIgh Voltage DC Block on Inner Conductor 50 Ohm SMA Male to 50 Ohm Sma Female Operating From 10 MHz to 18 GHz
PE8251 PASTERNACK-PE8251 Datasheet
218Kb / 3P
50 Ohm N High Voltage DC Block Operating From 10 MHz to 18 GHz
PE8214 PASTERNACK-PE8214 Datasheet
247Kb / 3P
DC Block on Outer Conductor 50 Ohm N Male to N Female Operating From 10 MHz to 18 GHz
PE8220 PASTERNACK-PE8220 Datasheet
231Kb / 3P
50 Ohm TNC DC Block Operating From 10 MHz to 18 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com