Electronic Components Datasheet Search
  English  ▼

X  

PE8215 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8215
Description  N MALE TO N FEMALE D,C BLOCK (INNER & OUTER) FREQUENCY RANGE; 10MHz TO 18 GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8215 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8215 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE8215

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8210 PASTERNACK-PE8210 Datasheet
250Kb / 3P
DC Block on lnner Conductor 50 Ohm SMA Male to SMA Female Operating From 10 MHz to 18 GHz
PE8211 PASTERNACK-PE8211 Datasheet
249Kb / 3P
DC Block on Outer Conductor 50 Ohm SMA Male to SMA Female Operating From 10 MHz to 18 GHz
PE8212 PASTERNACK-PE8212 Datasheet
245Kb / 2P
50 Ohm SMA Inner/Outer DC Block Operating From 10 MHz to 18 GHz
PE8213 PASTERNACK-PE8213 Datasheet
88Kb / 1P
N MALE TO N FEMALE D,C BLOCK(INNER) FREQUENCY RANGE: 10MHz TO 18 GHz
PE8214 PASTERNACK-PE8214 Datasheet
247Kb / 3P
DC Block on Outer Conductor 50 Ohm N Male to N Female Operating From 10 MHz to 18 GHz
More results

Similar Description - PE8215

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2066 PASTERNACK-PE2066 Datasheet
138Kb / 1P
N FEMALE E-MALE-FEMALE RESISTIVE POWER DIVIDER, FREQUENCY RANGE: DC TO 18 GHz
PE8213 PASTERNACK-PE8213 Datasheet
88Kb / 1P
N MALE TO N FEMALE D,C BLOCK(INNER) FREQUENCY RANGE: 10MHz TO 18 GHz
PE8219 PASTERNACK-PE8219 Datasheet
89Kb / 1P
TNC MALE TO TNC FEMALE D,C BLOCK(INNER) FREQUENCY RANGE : 10MHz TO 18 GHz
PE8236 PASTERNACK-PE8236 Datasheet
206Kb / 3P
DC Block on Inner and Outer Conductor 75 Ohm N Male to N Female Operating From 100 MHz to 4 GHz
PE8252 PASTERNACK-PE8252 Datasheet
116Kb / 1P
TNC MALE TO TNC FEMALE D,C BLOCK(INNER) FREQUENCY RANGE: 10MHz TO 18 GHz)
PE9718 PASTERNACK-PE9718 Datasheet
86Kb / 1P
1.85mm MALE TO N MALE FREQUENCY RANGE; DC TO 18 GHz
PE9719 PASTERNACK-PE9719 Datasheet
86Kb / 1P
1.85mm MALE TO N FEMALE FREQUENCY RANGE; DC TO 18 GHz
PE9720 PASTERNACK-PE9720 Datasheet
88Kb / 1P
1.85mm FEMALE TO N MALE FREQUENCY RANGE; DC TO 18 GHz PRECISION ADAPTER
PE9721 PASTERNACK-PE9721 Datasheet
84Kb / 1P
1.85mm FEMALE TO N FEMALE FREQUENCY RANGE; DC TO 18 GHz
PE8214 PASTERNACK-PE8214 Datasheet
247Kb / 3P
DC Block on Outer Conductor 50 Ohm N Male to N Female Operating From 10 MHz to 18 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com