Electronic Components Datasheet Search
  English  ▼

X  

PE8216 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8216
Description  DC Block on Inner Conductor 50 Ohm BNC Male to BNC Female Operating From 10 MHz to 4 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8216 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8216 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8216 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE8216 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
DC Block on Inner Conductor 50 Ohm BNC Male to BNC Female Operating From 10 MHz to 4 GHz
Configuration
Design
Inner DC Block
Body Style
Straight
Impedance
50 Ohms
Connector 1
BNC Male
Connector Specification 1
MIL-C-39012
Connector 2
BNC Female
Connector Specification 2
MIL-C-39012
Electrical Specifications
Frequency Range, GHz
0.01 to 4
Impedance, Ohms
50
Maximum VSWR
1.35:1
Maximum Insertion Loss, dB
0.5
Maximum Operating Voltage, Vrms
200
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +125
Size
Length, in [mm]
1.6 [40.64]
Width/Dia., in [mm]
0.57 [14.48]
.
Connector 1
Type
BNC Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Outer Conductor Material and Plating
Brass, Nickel
Coupling Nut Material and Plating
Brass, Nickel
Connector 2
Type
BNC Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Outer Conductor Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
DC Block on Inner Conductor 50 Ohm BNC Male to
BNC Female Operating From 10 MHz to 4 GHz
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: DC Block on Inner Conductor 50 Ohm BNC Male to BNC Female Operating From 10 MHz to
4 GHz PE8216
PE8216
PE8216 REV


Similar Part No. - PE8216

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8210 PASTERNACK-PE8210 Datasheet
250Kb / 3P
DC Block on lnner Conductor 50 Ohm SMA Male to SMA Female Operating From 10 MHz to 18 GHz
PE8211 PASTERNACK-PE8211 Datasheet
249Kb / 3P
DC Block on Outer Conductor 50 Ohm SMA Male to SMA Female Operating From 10 MHz to 18 GHz
PE8212 PASTERNACK-PE8212 Datasheet
245Kb / 2P
50 Ohm SMA Inner/Outer DC Block Operating From 10 MHz to 18 GHz
PE8213 PASTERNACK-PE8213 Datasheet
88Kb / 1P
N MALE TO N FEMALE D,C BLOCK(INNER) FREQUENCY RANGE: 10MHz TO 18 GHz
PE8214 PASTERNACK-PE8214 Datasheet
247Kb / 3P
DC Block on Outer Conductor 50 Ohm N Male to N Female Operating From 10 MHz to 18 GHz
More results

Similar Description - PE8216

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7006 PASTERNACK-PE7006 Datasheet
206Kb / 3P
50 Ohm BNC Male To 75 Ohm BNC Female Matching Pad Operating From DC to 2 GHz
PE7007 PASTERNACK-PE7007 Datasheet
210Kb / 3P
75 Ohm BNC Male To 50 Ohm BNC Female Matching Pad Operating From DC to 2 GHz
PE8218 PASTERNACK-PE8218 Datasheet
192Kb / 3P
DC Block on Inner and Outer Conductor 50 Ohm BNC Male to BNC Female Operating From 10 MHz to 4 GHz
PE8222 PASTERNACK-PE8222 Datasheet
181Kb / 3P
DC Block on Inner Conductor 50 Ohm 2.92mm Male to 2.92mm Female Operating From 10 MHz to 26.5 GHz
PE8225 PASTERNACK-PE8225 Datasheet
514Kb / 3P
DC Block on Inner Conductor 50 Ohm 2.92mm Male to 2.92mm Female Operating From 10 MHz to 40 GHz
PE8227 PASTERNACK-PE8227 Datasheet
179Kb / 3P
DC Block on Inner and Outer Conductor 50 Ohm 2.92mm Male to 2.92mm Female Operating From 10 MHz to 40 GHz
PE8240 PASTERNACK-PE8240 Datasheet
183Kb / 3P
DC Block on Inner Conductor 75 Ohm F Male to F Female Operating From 10 MHz to 2 GHz
PE8250 PASTERNACK-PE8250 Datasheet
216Kb / 1P
HIgh Voltage DC Block on Inner Conductor 50 Ohm SMA Male to 50 Ohm Sma Female Operating From 10 MHz to 18 GHz
PE8217 PASTERNACK-PE8217 Datasheet
241Kb / 3P
50 Ohm BNC DC Block Operating From 10 MHz to 4 GHz
PE8232 PASTERNACK-PE8232 Datasheet
231Kb / 3P
75 Ohm BNC DC Block Operating From 100 MHz to 4 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com