Electronic Components Datasheet Search
  English  ▼

X  

PE8219 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8219
Description  TNC MALE TO TNC FEMALE D,C BLOCK(INNER) FREQUENCY RANGE : 10MHz TO 18 GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8219 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8219 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE8219

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8210 PASTERNACK-PE8210 Datasheet
250Kb / 3P
DC Block on lnner Conductor 50 Ohm SMA Male to SMA Female Operating From 10 MHz to 18 GHz
PE8211 PASTERNACK-PE8211 Datasheet
249Kb / 3P
DC Block on Outer Conductor 50 Ohm SMA Male to SMA Female Operating From 10 MHz to 18 GHz
PE8212 PASTERNACK-PE8212 Datasheet
245Kb / 2P
50 Ohm SMA Inner/Outer DC Block Operating From 10 MHz to 18 GHz
PE8213 PASTERNACK-PE8213 Datasheet
88Kb / 1P
N MALE TO N FEMALE D,C BLOCK(INNER) FREQUENCY RANGE: 10MHz TO 18 GHz
PE8214 PASTERNACK-PE8214 Datasheet
247Kb / 3P
DC Block on Outer Conductor 50 Ohm N Male to N Female Operating From 10 MHz to 18 GHz
More results

Similar Description - PE8219

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6089 PASTERNACK-PE6089 Datasheet
84Kb / 1P
TNC MALE PRECISION TERMINATION FREQUENCY RANGE: DC TO 18 GHz
PE9270 PASTERNACK-PE9270 Datasheet
252Kb / 3P
TNC Male to TNC Female Adapter
PE9562 PASTERNACK-PE9562 Datasheet
253Kb / 2P
TNC Male to C Female Adapter
PE9564 PASTERNACK-PE9564 Datasheet
254Kb / 2P
TNC Female to C Male Adapter
PE8213 PASTERNACK-PE8213 Datasheet
88Kb / 1P
N MALE TO N FEMALE D,C BLOCK(INNER) FREQUENCY RANGE: 10MHz TO 18 GHz
PE8215 PASTERNACK-PE8215 Datasheet
90Kb / 1P
N MALE TO N FEMALE D,C BLOCK (INNER & OUTER) FREQUENCY RANGE; 10MHz TO 18 GHz
PE8252 PASTERNACK-PE8252 Datasheet
116Kb / 1P
TNC MALE TO TNC FEMALE D,C BLOCK(INNER) FREQUENCY RANGE: 10MHz TO 18 GHz)
PE7003-6 PASTERNACK-PE7003-6 Datasheet
88Kb / 1P
TNC ATTENUATOR, MALE TO FEMALE FREQUENCY RANGE; DC TO 2,000MHz
PE7003-2 PASTERNACK-PE7003-2 Datasheet
87Kb / 1P
TNC ATTENUATOR, MALE TO FEMALE FREQUENCY RANGE: DC TO 2,000 MHz
PE9270 PASTERNACK-PE9270 Datasheet
252Kb / 3P
TNC Male to TNC Female Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com