Electronic Components Datasheet Search
  English  ▼

X  

PE8221 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8221
Description  50 Ohm TNC DC Block Operating From 10 MHz to 18 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8221 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8221 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8221 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE8221 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
50 Ohm TNC DC Block Operating From 10 MHz to 18 GHz
Configuration
Design
Inner/Outer DC Block
Body Style
Straight
Impedance
50 Ohms
Connector 1
TNC Male
Connector Specification 1
MIL-STD-348
Connector 2
TNC Female
Connector Specification 2
MIL-STD-348
Electrical Specifications
Frequency Range, GHz
0.01 to 18
Impedance, Ohms
50
Maximum VSWR
1.35:1
Maximum Insertion Loss, dB
0.75
Maximum Operating Voltage, Vrms
200
Mechanical Specifications
Size
Length, in [mm]
2.07 [52.58]
Width/Dia., in [mm]
0.59 [14.99]
.
Connector 1
Type
TNC Male
Connector 2
Type
TNC Female
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm TNC DC Block Operating From 10 MHz to 18 GHz PE8221
PE8221
PE8221 REV
50 Ohm TNC DC Block Operating From 10 MHz to 18 GHz


Similar Part No. - PE8221

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8220 PASTERNACK-PE8220 Datasheet
231Kb / 3P
50 Ohm TNC DC Block Operating From 10 MHz to 18 GHz
PE8222 PASTERNACK-PE8222 Datasheet
181Kb / 3P
DC Block on Inner Conductor 50 Ohm 2.92mm Male to 2.92mm Female Operating From 10 MHz to 26.5 GHz
PE8223 PASTERNACK-PE8223 Datasheet
234Kb / 2P
50 Ohm 2.92mm DC Block Operating From 10 MHz to 26.5 GHz
PE8224 PASTERNACK-PE8224 Datasheet
208Kb / 2P
50 Ohm 2.92mm DC Block Operating From 10 MHz to 26.5 GHz
PE8225 PASTERNACK-PE8225 Datasheet
514Kb / 3P
DC Block on Inner Conductor 50 Ohm 2.92mm Male to 2.92mm Female Operating From 10 MHz to 40 GHz
More results

Similar Description - PE8221

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8212 PASTERNACK-PE8212 Datasheet
245Kb / 2P
50 Ohm SMA Inner/Outer DC Block Operating From 10 MHz to 18 GHz
PE8224 PASTERNACK-PE8224 Datasheet
208Kb / 2P
50 Ohm 2.92mm DC Block Operating From 10 MHz to 26.5 GHz
PE8237 PASTERNACK-PE8237 Datasheet
203Kb / 3P
50 Ohm 2.4mm DC Block Operating From 100 MHz to 50 GHz
PE8239 PASTERNACK-PE8239 Datasheet
203Kb / 3P
50 Ohm 2.4mm DC Block Operating From 100 MHz to 50 GHz
PE8251 PASTERNACK-PE8251 Datasheet
218Kb / 3P
50 Ohm N High Voltage DC Block Operating From 10 MHz to 18 GHz
PE8217 PASTERNACK-PE8217 Datasheet
241Kb / 3P
50 Ohm BNC DC Block Operating From 10 MHz to 4 GHz
PE8220 PASTERNACK-PE8220 Datasheet
231Kb / 3P
50 Ohm TNC DC Block Operating From 10 MHz to 18 GHz
PE8223 PASTERNACK-PE8223 Datasheet
234Kb / 2P
50 Ohm 2.92mm DC Block Operating From 10 MHz to 26.5 GHz
PE8238 PASTERNACK-PE8238 Datasheet
229Kb / 3P
50 Ohm 2.4mm DC Block Operating From 100 MHz to 50 GHz
PE8241 PASTERNACK-PE8241 Datasheet
230Kb / 3P
75 Ohm F DC Block Operating From 10 MHz to 2 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com