Electronic Components Datasheet Search
  English  ▼

X  

PE8233 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8233
Description  75 Ohm BNC DC Block Operating From 100 MHz to 4 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8233 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8233 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8233 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE8233 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm BNC DC Block Operating From 100 MHz to 4 GHz
Configuration
Design
Inner/Outer DC Block
Body Style
Straight
Impedance
75 Ohms
Connector 1
BNC Male
Connector 2
BNC Female
Electrical Specifications
Frequency Range, GHz
0.1 to 4
Impedance, Ohms
75
Maximum VSWR
1.35:1
Maximum Insertion Loss, dB
0.5
Maximum Operating Voltage, Vrms
200
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +125
Size
Length, in [mm]
1.6 [40.64]
Width/Dia., in [mm]
0.57 [14.48]
.
Body Material and Plating
Brass, Nickel
Connector 1
Type
BNC Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Connector 2
Type
BNC Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm BNC DC Block Operating From 100 MHz to 4 GHz PE8233
PE8233
PE8233 REV
75 Ohm BNC DC Block Operating From 100 MHz to 4 GHz


Similar Part No. - PE8233

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8231 PASTERNACK-PE8231 Datasheet
83Kb / 1P
75 OHM BNC MALE TO 75 OHM BNC FEMALE D,C BLOCK
PE8232 PASTERNACK-PE8232 Datasheet
231Kb / 3P
75 Ohm BNC DC Block Operating From 100 MHz to 4 GHz
PE8234 PASTERNACK-PE8234 Datasheet
205Kb / 3P
75 Ohm N DC Block Operating From 100 MHz to 4 GHz
PE8235 PASTERNACK-PE8235 Datasheet
232Kb / 3P
DC Block on Outer Conductor 75 Ohm N Male to N Female Operating From 100 MHz to 4 GHz
PE8236 PASTERNACK-PE8236 Datasheet
206Kb / 3P
DC Block on Inner and Outer Conductor 75 Ohm N Male to N Female Operating From 100 MHz to 4 GHz
More results

Similar Description - PE8233

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7007 PASTERNACK-PE7007 Datasheet
210Kb / 3P
75 Ohm BNC Male To 50 Ohm BNC Female Matching Pad Operating From DC to 2 GHz
PE8216 PASTERNACK-PE8216 Datasheet
193Kb / 3P
DC Block on Inner Conductor 50 Ohm BNC Male to BNC Female Operating From 10 MHz to 4 GHz
PE8234 PASTERNACK-PE8234 Datasheet
205Kb / 3P
75 Ohm N DC Block Operating From 100 MHz to 4 GHz
PE8237 PASTERNACK-PE8237 Datasheet
203Kb / 3P
50 Ohm 2.4mm DC Block Operating From 100 MHz to 50 GHz
PE8239 PASTERNACK-PE8239 Datasheet
203Kb / 3P
50 Ohm 2.4mm DC Block Operating From 100 MHz to 50 GHz
PE8217 PASTERNACK-PE8217 Datasheet
241Kb / 3P
50 Ohm BNC DC Block Operating From 10 MHz to 4 GHz
PE8232 PASTERNACK-PE8232 Datasheet
231Kb / 3P
75 Ohm BNC DC Block Operating From 100 MHz to 4 GHz
PE8235 PASTERNACK-PE8235 Datasheet
232Kb / 3P
DC Block on Outer Conductor 75 Ohm N Male to N Female Operating From 100 MHz to 4 GHz
PE8238 PASTERNACK-PE8238 Datasheet
229Kb / 3P
50 Ohm 2.4mm DC Block Operating From 100 MHz to 50 GHz
PE8241 PASTERNACK-PE8241 Datasheet
230Kb / 3P
75 Ohm F DC Block Operating From 10 MHz to 2 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com