Electronic Components Datasheet Search
  English  ▼

X  

ML61 Datasheet(PDF) 6 Page - Minilogic Device Corporation Limited

Part # ML61
Description  Positive Voltage Detector CMOS Low Power Consumption : Typical 1.0uA at Vin=2.0V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML61 Datasheet(HTML) 6 Page - Minilogic Device Corporation Limited

Back Button ML61_09 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML61_09 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML61_09 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML61_09 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML61_09 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML61_09 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML61_09 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML61_09 Datasheet HTML 9Page - Minilogic Device Corporation Limited ML61_09 Datasheet HTML 10Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
P6/13
Rev. H, August 2009
ML61
Functional Description (Refers to CMOS Output)
1. Firstly, when a voltage, higher than the
Release Voltage (VDR) , is applied to the
Voltage Input pin (VIN), that voltage will
gradually fall. When a voltage higher than
the Detect Voltage (VDF) is applied to the
Input Voltage pin (VIN), output at VOUT
will be equal to the input at the VIN pin.
High impedance exists on the Output pin
(VOUT) with the N-channel open drain
configuration. If the pin is pulled-up. VOUT
will be identical to the pull-up voltage.
2. When the input Voltage (VIN) falls below
the Detect Voltage (VDF) level, the Output
Voltage (VOUT) is equal to the Ground
Voltage (VSS) level (detect state). Also
applicable to N-channel open drain
configuration.
3. When the Input Voltage (VIN) falls below
the Minimum Operating Voltage (VMIN)
level, output becomes unstable. In the case
of N-channel open drain configuration, as
the output pin is generally pulled-up, the
output will be equal to the pull-up
voltage.
4. When the Input Voltage (VIN) rises, output
become stable once the voltage has
exceeded VMIN. The Output Voltage (VOUT)
will remain equal to the Ground Voltage
(VSS) level until the Input Voltage (VIN)
reaches the Detect Release Voltage (VDR)
level.
5. When the Input Voltage (VIN) rises above
the Detect Release Voltage (VDR) level,
output at the Output pin (VOUT) is equal to
VIN. (High impedance exists with the
N-channel open drain output
configuration and VOUT follows the
pull-up voltage.)
Notes :
1. The difference between VDR and VDF
represents the Hysteresis Range.
2. The Propagation Delay Time (tDLY)
represents the time it takes for the Input
Voltage (VIN) to appear at the Output pin
(VOUT), once the said voltage has exceeded
the Release Voltage (VDR) level.
Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com