Electronic Components Datasheet Search
  English  ▼

X  

MMBTA20 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MMBTA20
Description  General Purpose Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBTA20 Datasheet(HTML) 2 Page - Motorola, Inc

  MMBTA20 Datasheet HTML 1Page - Motorola, Inc MMBTA20 Datasheet HTML 2Page - Motorola, Inc MMBTA20 Datasheet HTML 3Page - Motorola, Inc MMBTA20 Datasheet HTML 4Page - Motorola, Inc MMBTA20 Datasheet HTML 5Page - Motorola, Inc MMBTA20 Datasheet HTML 6Page - Motorola, Inc MMBTA20 Datasheet HTML 7Page - Motorola, Inc MMBTA20 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MMBTA20LT1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = 5.0 mAdc, VCE = 10 Vdc)
hFE
40
400
—
Collector – Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
VCE(sat)
—
0.25
Vdc
SMALL– SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product
(IC = 5.0 mAdc, VCE = 10 Vdc, f = 100 MHz)
fT
125
—
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
—
4.0
pF
Figure 1. Turn–On Time
Figure 2. Turn–Off Time
EQUIVALENT SWITCHING TIME TEST CIRCUITS
*Total shunt capacitance of test jig and connectors
10 k
+ 3.0 V
275
CS < 4.0 pF*
10 k
+ 3.0 V
275
CS < 4.0 pF*
1N916
300 ns
DUTY CYCLE = 2%
+10.9 V
– 0.5 V
<1.0 ns
10 < t1 < 500 µs
DUTY CYCLE = 2%
+10.9 V
0
– 9.1 V
< 1.0 ns
t1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com