Electronic Components Datasheet Search
  English  ▼

X  

ML6206 Datasheet(PDF) 3 Page - Minilogic Device Corporation Limited

Part # ML6206
Description  Low ESR Cap. Compatible Positive Voltage Regulator Output Voltage Range : 1.5V to 5.0V in 0.1V increments
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML6206 Datasheet(HTML) 3 Page - Minilogic Device Corporation Limited

  ML6206_09 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML6206_09 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML6206_09 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML6206_09 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML6206_09 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML6206_09 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML6206_09 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML6206_09 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML6206_09 Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
P3/18
May 2009
ML6206
ML6206P153 VOUT(T)=1.5V(Note 1)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Circuit
Output Voltage
VOUT(E)
(Note 2)
IOUT=30mA
VIN=2.5V
1.455
1.500
1.545
V
1
Maximum Output Current
IOUT max
VIN=2.5V, VOUT(E) ≥ 1.35V
200
mA
1
Load Stability
∆VOUT
VIN=2.5V, 1mA ≤IOUT≤ 100mA
35
mV
1
Vdif1
IOUT=100mA
250
mV
1
Input –Output
Voltage Differential (Note 3)
Vdif2
IOUT=200mA
500
mV
1
Supply Current
ISS
VIN=2.5V
1.0
uA
2
Input Stability
∆VOUT
∆VIN * VOUT
IOUT=30mA
VOUT(T)+1.0V≤VIN≤6V
0.01
0.30
%V
1
Input Voltage
VIN
1.2
6.5
V
-
Current Limiter
Ishort
VIN = VOUT+1.5V, VOUT=VSS
100
mA
1
ML6206P183 VOUT(T)=1.8V(Note 1)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Circuit
Output Voltage
VOUT(E)
(Note 2)
IOUT=30mA
VIN=2.8V
1.746
1.800
1.854
V
1
Maximum Output Current
IOUT max
VIN=2.8V, VOUT(E) ≥ 1.62V
200
mA
1
Load Stability
∆VOUT
VIN=2.8V, 1mA ≤IOUT≤ 100mA
35
mV
1
Vdif1
IOUT=100mA
250
mV
1
Input –Output
Voltage Differential (Note 3)
Vdif2
IOUT=200mA
500
mV
1
Supply Current
ISS
VIN=2.8V
1.0
uA
2
Input Stability
∆VOUT
∆VIN * VOUT
IOUT=30mA
VOUT(T)+1.0V≤VIN≤6V
0.01
0.30
%V
1
Input Voltage
VIN
1.2
6.5
V
-
Current Limiter
Ishort
VIN = VOUT+1.5V, VOUT=VSS
100
mA
1
ML6206P212 VOUT(T)=2.1V(Note 1)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Circuit
Output Voltage
VOUT(E)
(Note 2)
IOUT=30mA
VIN=3.1V
2.058
2.100
2.142
V
1
Maximum Output Current
IOUT max
VIN=3.1V, VOUT(E) ≥ 1.89V
240
mA
1
Load Stability
∆VOUT
VIN=3.1V, 1mA ≤IOUT≤ 100mA
30
mV
1
Vdif1
IOUT=100mA
180
mV
1
Input –Output
Voltage Differential (Note 3)
Vdif2
IOUT=200mA
390
mV
1
Supply Current
ISS
VIN=3.1V
1.0
uA
2
Input Stability
∆VOUT
∆VIN * VOUT
IOUT=30mA
VOUT(T)+1.0V≤VIN≤6V
0.01
0.30
%V
1
Input Voltage
VIN
1.2
6.5
V
-
Current Limiter
Ishort
VIN = VOUT+1.5V, VOUT=VSS
100
mA
1
ML6206P302 VOUT(T)=3.0V(Note 1)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Circuit
Output Voltage
VOUT(E)
(Note 2)
IOUT=30mA
VIN=4.0V
2.940
3.000
3.060
V
1
Maximum Output Current
IOUT max
VIN=4.0V, VOUT(E) ≥2.7V
270
mA
1
Load Stability
∆VOUT
VIN=4.0V, 1mA≤IOUT≤100mA
25
mV
1
Vdif1
IOUT=100mA
120
mV
1
Input –Output
Voltage Differential (Note 3)
Vdif2
IOUT=200mA
260
mV
1
Supply Current
ISS
VIN=4.0V
1.0
uA
2
Input Stability
∆VOUT
∆VIN * VOUT
IOUT=30mA
VOUT(T)+1.0V≤VIN≤6V
0.01
0.30
%V
1
Input Voltage
VIN
1.2
6.5
V
-
Current Limiter
Ishort
VIN = VOUT+1.5V, VOUT=VSS
100
mA
1
Electrical Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com