Electronic Components Datasheet Search
  English  ▼

X  

PE9667 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9667
Description  2.9mm MALE TO 1.85mm MALE PRECISION ADAPTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9667 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9667 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Center Contact:
Beryllium copper, gold plating
Outer Contact:
SST303
Coupling Nut:
SST‐303
Dielectric:
Air, w support bead of Ox. Noryl.
Gasket:
Silicone
Impedance:
50 Ohm
Frequency:
DC up to 40GHz
VSWR:
1.25
Insertion Loss:
(.05)x(sqrt of frequency in GHz)
Test Voltage:
n/a
Working voltage:
n/a
RF Leakage:
n/a
Mating cycles:
500
Recommended torque on 2.92:
8‐10 in.lbs.f
Recommended torque on 1.85:
8‐10 in.lbs.f
Temp range:
 ‐55c to +100c
SPECIFICATIONS


Similar Part No. - PE9667

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9660 PASTERNACK-PE9660 Datasheet
242Kb / 2P
Precision 3.5mm Female to 2.92mm Female Adapter
PE9661 PASTERNACK-PE9661 Datasheet
251Kb / 2P
Precision 2.92mm Male to N Male Adapter
PE9662 PASTERNACK-PE9662 Datasheet
251Kb / 3P
Precision 2.92mm Male to N Female Adapter
PE9663 PASTERNACK-PE9663 Datasheet
248Kb / 3P
Precision 2.92mm Female to N Male Adapter
PE9664 PASTERNACK-PE9664 Datasheet
251Kb / 2P
Precision 2.92mm Female to N Female Adapter
More results

Similar Description - PE9667

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9460 PASTERNACK-PE9460 Datasheet
111Kb / 1P
7mm TO 2.9mm MALE, PRECISION ADAPTER
PE9672 PASTERNACK-PE9672 Datasheet
83Kb / 1P
1.85mm MALE TO 2.4mm MALE PRECISION ADAPTER
PE9715 PASTERNACK-PE9715 Datasheet
247Kb / 3P
Precision 1.85mm Male to 1.85mm Female Adapter
PE9716 PASTERNACK-PE9716 Datasheet
84Kb / 1P
1.85mm MALE TO 1.85mm MALE PRECISION ADAPTER
PE9728 PASTERNACK-PE9728 Datasheet
254Kb / 2P
Precision SMA Male to 1.85mm Female Adapter
PE9745 PASTERNACK-PE9745 Datasheet
241Kb / 2P
Precision 3.5mm Male to 1.85mm Female Adapter
PE9746 PASTERNACK-PE9746 Datasheet
84Kb / 1P
3.5mm MALE TO 1.85mm MALE PRECISION ADAPTER
logo
List of Unclassifed Man...
V206 ETC2-V206 Datasheet
93Kb / 1P
1.85MM MALE STRAIGHT TO 1.85MM MALE ADAPTER
logo
Pasternack Enterprises,...
PE91118 PASTERNACK-PE91118 Datasheet
250Kb / 3P
Precision 1.0mm Male to 1.85mm Male Adapter
PE91119 PASTERNACK-PE91119 Datasheet
504Kb / 3P
Precision 1.0mm Female to 1.85mm Male Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com