Electronic Components Datasheet Search
  English  ▼

X  

PE9668 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9668
Description  Precision 2.92mm Female to 1.85mm Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9668 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9668 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9668 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9668 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Precision 2.92mm Female to 1.85mm Female Adapter
Configuration
Connector 1
2.92mm Female
Impedance 1
50 Ohms
Connector 2
1.85mm Female
Impedance 2
50 Ohms
Adapter Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 40
Maximum VSWR
1.25:1
Maximum Insertion Loss, dB
0.32
Mechanical Specifications
Size
Length, in [mm]
0.747 [18.97]
Width/Dia., in [mm]
0.31 [7.87]
.
Connector 1
Type
2.92mm Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type II, Class 1
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
ASTM A380
Dielectric Type
PPO
Connector 2
Type
1.85mm Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type II, Class 1
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
ASTM A380
Dielectric Type
PPO
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Precision 2.92mm Female to 1.85mm Female Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision 2.92mm Female to 1.85mm Female Adapter PE9668
PE9668
PE9668 REV


Similar Part No. - PE9668

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9660 PASTERNACK-PE9660 Datasheet
242Kb / 2P
Precision 3.5mm Female to 2.92mm Female Adapter
PE9661 PASTERNACK-PE9661 Datasheet
251Kb / 2P
Precision 2.92mm Male to N Male Adapter
PE9662 PASTERNACK-PE9662 Datasheet
251Kb / 3P
Precision 2.92mm Male to N Female Adapter
PE9663 PASTERNACK-PE9663 Datasheet
248Kb / 3P
Precision 2.92mm Female to N Male Adapter
PE9664 PASTERNACK-PE9664 Datasheet
251Kb / 2P
Precision 2.92mm Female to N Female Adapter
More results

Similar Description - PE9668

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9438 PASTERNACK-PE9438 Datasheet
247Kb / 3P
Precision 2.92mm Female to 2.92mm Female Adapter
PE9647 PASTERNACK-PE9647 Datasheet
256Kb / 3P
Precision 2.92mm Female to 2.92mm Female Bulkhead Adapter
PE9665 PASTERNACK-PE9665 Datasheet
250Kb / 2P
Precision 2.92mm Female to 1.85mm Male Adapter
PE9666 PASTERNACK-PE9666 Datasheet
249Kb / 3P
Precision 2.92mm Male to 1.85mm Female Adapter
PE9717 PASTERNACK-PE9717 Datasheet
245Kb / 3P
Precision 1.85mm Female to 1.85mm Female Adapter
PE91115 PASTERNACK-PE91115 Datasheet
214Kb / 3P
Precision 1.85mm Female to 1.85mm Female Adapter
logo
Amphenol Corporation
SF1133-6019 AMPHENOL-SF1133-6019 Datasheet
101Kb / 1P
ADAPTER 1.85mm FEMALE TO 2.92mm MALE
SF1133-6020 AMPHENOL-SF1133-6020 Datasheet
88Kb / 1P
ADAPTER 1.85mm MALE TO 2.92mm FEMALE
SF1133-6021 AMPHENOL-SF1133-6021 Datasheet
85Kb / 1P
ADAPTER 1.85mm FEMALE TO 2.92mm FEMALE
SF1133-6022 AMPHENOL-SF1133-6022 Datasheet
88Kb / 1P
ADAPTER 1.85mm MALE TO 2.92mm FEMALE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com