Electronic Components Datasheet Search
  English  ▼

X  

PE9672 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9672
Description  1.85mm MALE TO 2.4mm MALE PRECISION ADAPTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9672 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9672 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE9672

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9670 PASTERNACK-PE9670 Datasheet
375Kb / 4P
SMA Female to SMA Female 4 Hole Flange Adapter
PE9671 PASTERNACK-PE9671 Datasheet
388Kb / 4P
SMA Male to SMA Female 4 Hole Flange Mount Adapter
PE9673 PASTERNACK-PE9673 Datasheet
109Kb / 1P
1.85mm MALE TO 2.4mm FEMALE
PE9674 PASTERNACK-PE9674 Datasheet
84Kb / 1P
1.85mm FEMALE TO 2.4mm MALE PRECISION ADAPTER
PE9675 PASTERNACK-PE9675 Datasheet
86Kb / 1P
1.85mm FEMALE TO 2.4mm FEMALE PRECISION ADAPTER, FREQUENCY RANGE; DC TO 50GHz
More results

Similar Description - PE9672

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9451 PASTERNACK-PE9451 Datasheet
244Kb / 2P
Precision 2.4mm Male to 2.4mm Male Adapter
PE9452 PASTERNACK-PE9452 Datasheet
242Kb / 2P
Precision 2.4mm Male to 2.4mm Female Adapter
PE9457 PASTERNACK-PE9457 Datasheet
247Kb / 3P
Precision 2.92mm Male to 2.4mm Male Adapter
PE9504 PASTERNACK-PE9504 Datasheet
258Kb / 3P
Precision 2.4mm Male to N Male Adapter
PE9649 PASTERNACK-PE9649 Datasheet
238Kb / 2P
Precision 3.5mm Male to 2.4mm Male Adapter
PE9653 PASTERNACK-PE9653 Datasheet
255Kb / 3P
Precision SMA Male to 2.4mm Male Adapter
PE9667 PASTERNACK-PE9667 Datasheet
151Kb / 1P
2.9mm MALE TO 1.85mm MALE PRECISION ADAPTER
PE9674 PASTERNACK-PE9674 Datasheet
84Kb / 1P
1.85mm FEMALE TO 2.4mm MALE PRECISION ADAPTER
PE9716 PASTERNACK-PE9716 Datasheet
84Kb / 1P
1.85mm MALE TO 1.85mm MALE PRECISION ADAPTER
PE9504 PASTERNACK-PE9504 Datasheet
258Kb / 3P
Precision 2.4mm Male to N Male Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com