Electronic Components Datasheet Search
  English  ▼

X  

IMX111PQ Datasheet(PDF) 2 Page - Intel Corporation

Part # IMX111PQ
Description  High Picture Quality Cellular Phone CMOS Image Sensors Feature Full HD Video
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IMX111PQ Datasheet(HTML) 2 Page - Intel Corporation

  IMX111PQ Datasheet HTML 1Page - Intel Corporation IMX111PQ Datasheet HTML 2Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Spectral Sensitivity Characteristics
Figure 1
100%
80%
60%
40%
20%
0%
400
450
500
550
Wavelength [nm]
600
650
700
Spectral characteristics for the 1.12 µm back-illuminated CMOS image sensor and
the 1.4 µm front-illuminated CMOS image sensor standardized for each G peak
Solid line:
1.12 µm back-illuminated
CMOS image sensor
Dotted line:
1.4 µm front-illuminated
CMOS image sensor
Output image
Output image
(Sensor internal signal processing = Off; Current processing)
(Sensor internal signal processing = On; This image shows only
noise reduction.)
Item
Image size
Total number of pixels
Number of effective pixels
Fabrication process
Unit cell size
Output format
Control signal interface
Analog
Digital
Power supply
specifications
I/O
PGA
Input clock frequency
Dot defect compensation
Noise reduction
720 p
Signal processing
function within
sensors
Moving picture
specifications
1080 p
IMX081PQ
Diagonal 6.52 mm (Type1/2.8)
4672H
× 3552V
Approx. 16.59M pixels
4656H
× 3496V
Approx. 16.28M pixels
Back-illuminated process
1.12 µm (H)
× 1.12 µm (V)
MIPI 4, 2, 1 Lane
I2C
2.7 +0.2/–0.1 V
1.2 ± 0.1 V
1.8 ± 0.1 V
41.7 dB (Max.)
6 to 60 MHz
60 frame/s
225 Mpbs/Lane
× 4 Lane
60 frame/s
432 Mpbs/Lane
× 4 Lane
IMX091PQ
Diagonal 5.87 mm (Type 1/3.06)
4224H
× 3176V
Approx. 13.42M pixels
4208H
× 3120V
Approx. 13.13M pixels
←
←
←
←
←
←
←
←
←
←
←
60 frame/s
186 Mpbs/Lane
× 4 Lane
60 frame/s
432 Mpbs/Lane
× 4 Lane
IMX111PQ
Diagonal 4.60 mm (Type 1/4.0)
3296H
× 2512V
Approx. 8.28M pixels
3280H
× 2464V
Approx. 8.08M pixels
←
←
MIPI 2, 1 Lane
←
←
←
←
←
←
←
←
60 frame/s
540 Mpbs/Lane
× 2 Lane
30 frame/s
405 Mpbs/Lane
× 2 Lane
Device Structure
Table 1
Comparison Image Samples
Figure 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com