Electronic Components Datasheet Search
  English  ▼

X  

PE9682 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9682
Description  SMA Male to Reverse Thread SMA Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9682 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9682 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9682 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9682 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Male to Reverse Thread SMA Female Adapter
Configuration
Connector 1
SMA Male
Impedance 1
50 Ohms
Connector Specification 1
MIL-C-39012
Connector 2
SMA Female Reverse Thread
Impedance 2
50 Ohms
Connector Specification 2
MIL-C-39012
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
0.705 [17.91]
Width/Dia., in [mm]
0.312 [7.92]
.
Connector 1
Type
SMA Male
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
SMA Female Reverse Thread
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
SMA Male to Reverse Thread SMA Female Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to Reverse Thread SMA Female Adapter PE9682
PE9682
PE9682 REV


Similar Part No. - PE9682

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9680 PASTERNACK-PE9680 Datasheet
102Kb / 1P
PAL PLUG TO PAL PLUG
PE9681 PASTERNACK-PE9681 Datasheet
102Kb / 1P
PAL JACK TO PAL JACK
PE9683 PASTERNACK-PE9683 Datasheet
259Kb / 3P
SMA Female to Reverse Thread SMA Male Adapter
PE9684 PASTERNACK-PE9684 Datasheet
257Kb / 3P
SMA Female to N Male QD Adapter
PE9685 PASTERNACK-PE9685 Datasheet
258Kb / 3P
QD SSMA Male to SSMA Female Adapter
More results

Similar Description - PE9682

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9533 PASTERNACK-PE9533 Datasheet
244Kb / 2P
SMA Female to Reverse Polarity SMA Male Adapter
PE9683 PASTERNACK-PE9683 Datasheet
259Kb / 3P
SMA Female to Reverse Thread SMA Male Adapter
PE35353 PASTERNACK-PE35353 Datasheet
279Kb / 1P
CABLE ASSEMBLY RG142B/U REVERSE THREAD SMA MALE TO REVERSE THREAD SMA MALE
PE35369 PASTERNACK-PE35369 Datasheet
116Kb / 1P
CABLE ASSEMBLY RG223/U REVERSE THREAD SMA MALE TO REVERSE THREAD SMA MALE
PE9534 PASTERNACK-PE9534 Datasheet
244Kb / 2P
SMA Male to Reverse Polarity SMA Female Adapter
PE91265 PASTERNACK-PE91265 Datasheet
347Kb / 3P
QD SMA Male to Reverse Polarity SMA Female Adapter
PE91267 PASTERNACK-PE91267 Datasheet
348Kb / 3P
QD Reverse Polarity SMA Male to SMA Female Adapter
PE91331 PASTERNACK-PE91331 Datasheet
600Kb / 3P
Reverse Polarity SMA Male to Reverse Polarity SMA Female Adapter
PE35349 PASTERNACK-PE35349 Datasheet
279Kb / 1P
CABLE ASSEMBLY, RG25C/U, REVERSE THREAD SMA MALE TO REVERSE THREAD SMA MALE
PE35373LF PASTERNACK-PE35373LF Datasheet
288Kb / 1P
CABLE ASSEMBLY, RG316/U, REVERSE THREAD SMA MALE TO REVERSE THREAD SMA MALE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com