Electronic Components Datasheet Search
  English  ▼

X  

MIC5019_EB Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5019_EB
Description  Ultra-Small High-Side N-Channel MOSFET Driver with Integrated Charge Pump
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5019_EB Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5019_EB Datasheet HTML 1Page - Micrel Semiconductor MIC5019_EB Datasheet HTML 2Page - Micrel Semiconductor MIC5019_EB Datasheet HTML 3Page - Micrel Semiconductor MIC5019_EB Datasheet HTML 4Page - Micrel Semiconductor MIC5019_EB Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MIC5019 Evaluation Board
Ultra-Small High-Side N-Channel MOSFET Driver
with Integrated Charge Pump
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
August 2012
M9999-082212-A
hbwhelp@micrel.com or (408) 955-1690
General Description
The MIC5019 is a high-side MOSFET driver with
integrated charge pump designed to switch an N-
channel enhancement type MOSFET in high-side or
low–side applications.
The MIC5019 operates from a 2.7V to 9V supply. It
generates gate voltages of 9.2V from a 3V supply and
16V from a 9V supply. The device consumes a low
77µA of supply current and less than 1µA of supply
current in shutdown mode.
In high-side configurations, the source voltage of the
MOSFET
approaches
the
supply
voltage
when
switched on. To keep the MOSFET on, the MIC5019’s
output drives the MOSFET gate voltage higher than
the supply voltage.
Data sheets and support documentation can be found
on Micrel’s web site at: www.micrel.com.
Requirements
The MIC5019 evaluation board needs only a single
power supply to power the driver and a function
generator or logic signal to drive the IN pin. If the
application needs different supplies for driver and
load, then another supply may be used to power the
external MOSFET at the VEXT (J7 and J6) by loading
the resistor R1 and cutting the traces indicated by R4.
Precautions
The MIC5019 evaluation board does not have reverse
polarity protection. Applying a negative voltage to the
VDD and GND terminals may damage the device. The
maximum VDD of the board is rated at 10V. Exceeding
10V on the VDD could damage the device.
Getting Started
1. VDD Supply
Connect a supply to the VDD and GND terminals,
paying careful attention to the polarity and the supply
range (2.7V < VIN < 9V). Monitor IIN with a current
meter and VIN at VDD and GND terminals with a
voltmeter. Do not apply power until step 4.
2. Connect Function Generator to IN pin
Connect the function generator output to the IN pin
and GND.
3. OUT Signal
The voltage on the OUT pin can be monitored by
using either a voltmeter or a high-impedance scope
probe.
4. Turn on the Power
Turn on the VDD supply, apply a logic high signal to
the IN pin, and verify the OUT signal. The OUT pin is
supplied by an internal charge pump; the charge
pump is enabled when IN is logic high. The charge
pump
consists
of
an
oscillator
and
a
voltage
quadrupler (4×). The oscillator operates from 70kHz to
100kHz, depending
on
the supply voltage
and
temperature. The output voltage is limited to 16V,
typically by an internal zener diode clamp. The charge
pump output voltage is approximately:
VOUT = 4 × VDD – 2.8V, but not exceeding 19Vmax.
Refer to the “Output Voltage vs. Supply Voltage”
graph in the “Typical Characteristics” section.
The user has a flexibility of either soldering a FET
(Q1) or using different values of capacitors to imitate
the gate capacitance (C5).
Ordering Information
Part Number
Description
MIC5019YFT EV
MIC5019 Evaluation Board


Similar Part No. - MIC5019_EB

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5019YFT MICREL-MIC5019YFT Datasheet
386Kb / 12P
Ultra-Small High-Side N-Channel MOSFET Driver with Integrated Charge Pump
More results

Similar Description - MIC5019_EB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1156 LINER-LTC1156 Datasheet
231Kb / 8P
Quad High Side Micropower MOSFET Driver with Internal Charge Pump
logo
Micrel Semiconductor
MIC5060 MICREL-MIC5060_10 Datasheet
512Kb / 12P
Ultra Small High-Side MOSFET Driver
logo
Asahi Kasei Microsystem...
AK7864 AKM-AK7864 Datasheet
217Kb / 12P
3 channel LED driver with Charge Pump
logo
Micrel Semiconductor
MIC5019 MICREL-MIC5019 Datasheet
386Kb / 12P
Ultra-Small High-Side N-Channel MOSFET Driver with Integrated Charge Pump
logo
TEXAS ADVANCED OPTOELEC...
AS3685A TAOS-AS3685A Datasheet
1Mb / 25P
Ultra Small High Efficiency 1000mA Charge Pump
AS3685B TAOS-AS3685B Datasheet
1Mb / 25P
Ultra Small High Efficiency 1000mA Charge Pump
logo
Linear Technology
LTC1156 LINER-LTC1156_15 Datasheet
214Kb / 8P
Quad High Side Micropower MOSFET Driver with Internal Charge Pump
logo
Mitsumi Electronics, Co...
MM3746 MITSUMI-MM3746 Datasheet
201Kb / 3P
N channel high side FET drive by charge pump
logo
Microchip Technology
MIC5060 MICROCHIP-MIC5060 Datasheet
1Mb / 24P
Ultra-Small High-Side MOSFET Driver
09/14/21
MIC5021 MICROCHIP-MIC5021 Datasheet
1Mb / 24P
High-Speed, High-Side MOSFET Driver with Charge Pump and Overcurrent Limit
09/14/21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com