Electronic Components Datasheet Search
  English  ▼

X  

PE9690 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9690
Description  SMA Male to 1.0/2.3 Jack Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9690 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9690 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9690 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9690 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Male to 1.0/2.3 Jack Adapter
Configuration
Connector 1
SMA Male
Impedance 1
50 Ohms
Connector Specification 1
MIL-C-39012
Connector 2
1.0/2.3 Jack
Impedance 2
50 Ohms
Connector Specification 2
MIL-C-39012
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
0.865 [21.97]
Width/Dia., in [mm]
0.312 [7.92]
.
Connector 1
Type
SMA Male
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
1/4
Torque, in-lbs [Nm]
3 [0.34]
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
1.0/2.3 Jack
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
SMA Male to 1.0/2.3 Jack Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to 1.0/2.3 Jack Adapter PE9690
PE9690
PE9690 REV


Similar Part No. - PE9690

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9691 PASTERNACK-PE9691 Datasheet
252Kb / 2P
SMA Female to 1.0/2.3 Plug Adapter
PE9692 PASTERNACK-PE9692 Datasheet
256Kb / 3P
SMA Male to 1.0/2.3 Plug Adapter
PE9693 PASTERNACK-PE9693 Datasheet
252Kb / 2P
SMA Female to 1.0/2.3 Jack Adapter
PE9694 PASTERNACK-PE9694 Datasheet
369Kb / 4P
Precision SMA Male to SMA Female Adapter Max. Freq. 18 GHz
PE9695 PASTERNACK-PE9695 Datasheet
368Kb / 4P
Precision SMA Female to SMA Female Adapter, 18 Ghz
More results

Similar Description - PE9690

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9145 PASTERNACK-PE9145 Datasheet
234Kb / 2P
SMA Male to SMB Jack Adapter
PE9149 PASTERNACK-PE9149 Datasheet
234Kb / 2P
SMA Male to SMC Jack Adapter
PE9401 PASTERNACK-PE9401 Datasheet
240Kb / 2P
SMA Male to SSMB Jack Adapter
PE9472 PASTERNACK-PE9472 Datasheet
241Kb / 2P
SMA Male to MCX Jack Adapter
PE9478 PASTERNACK-PE9478 Datasheet
241Kb / 2P
SMA Male to MMCX Jack Adapter
PE9691 PASTERNACK-PE9691 Datasheet
252Kb / 2P
SMA Female to 1.0/2.3 Plug Adapter
PE9692 PASTERNACK-PE9692 Datasheet
256Kb / 3P
SMA Male to 1.0/2.3 Plug Adapter
PE9693 PASTERNACK-PE9693 Datasheet
252Kb / 2P
SMA Female to 1.0/2.3 Jack Adapter
PE91007 PASTERNACK-PE91007 Datasheet
251Kb / 3P
SMA Male to UMCX Jack Adapter
logo
Huber+Suhner, Inc.
33_1023-SMA-C50-1111_N HUBERSUHNER-33_1023-SMA-C50-1111_N Datasheet
732Kb / 2P
COAXIAL ADAPTER, 1.0/2.3 - SMA, 50 Ohm, plug / jack (male / female)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com