Electronic Components Datasheet Search
  English  ▼

X  

LTC5800WR Datasheet(PDF) 1 Page - Linear Technology

Part # LTC5800WR
Description  2.4 GHz 802.15.4 EternaTM Mote-on-Chip
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5800WR Datasheet(HTML) 1 Page - Linear Technology

  LTC5800WR Datasheet HTML 1Page - Linear Technology LTC5800WR Datasheet HTML 2Page - Linear Technology LTC5800WR Datasheet HTML 3Page - Linear Technology LTC5800WR Datasheet HTML 4Page - Linear Technology LTC5800WR Datasheet HTML 5Page - Linear Technology LTC5800WR Datasheet HTML 6Page - Linear Technology LTC5800WR Datasheet HTML 7Page - Linear Technology LTC5800WR Datasheet HTML 8Page - Linear Technology LTC5800WR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
A d v a nce d I n fo rm a t i o n
Linear Technology / Dust Networks
Smar t Mesh® IP
LTC5800-IPM
2.4 GHz 802.15.4 Eterna
TM Mote-on-Chip
About SmartMesh IP
Dust Networks’ new standards-based SmartMesh
® IP product line achieves unsurpassed levels of networking resilience and reliability, with
advanced network management and comprehensive security. Based on Dust’s breakthrough Eterna™ SoC technology, SmartMesh IP
enables 8 times lower power consumption than competing solutions even in harsh, dynamically changing RF environments. Cost effective,
Internet Protocol (IP) compatible, and widely applicable, SmartMesh IP serves an extensive range of applications such as energy
management, building automation, renewable energy, and other implementations in smart infrastructure that call for ultra-low power.
Product Description – LTC5800-IPM
SmartMesh IP networks are built from wireless network nodes called motes. The motes include advanced hardware and advanced software
algorithms that provide resilient, reliable, and low-power true-mesh networks. Dust motes deliver unprecedented low power consumption
with a receive current of less than 5 mA and a transmit current of less than 10 mA at +8dBm (< 6 mA at 0 dBm). With Dust’s time-
synchronized SmartMesh IP networking, all motes in the network may route and may be battery-powered, powered by an energy-harvester,
or line powered. SmartMesh IP’s time-synchronized mesh networking combines with Dust Network’s innovative IEEE 802.15.4-compliant
radio design to enable battery life of a decade for all motes, including routing motes, on two AA batteries.
The LTC5800-IPM Mote-on-Chip
™ combines Dust Networks’ robust sensor networking solution with Dust’s breakthrough EternaTM SoC
Technology in an easy-to-integrate 72-pin 10 mm x 10 mm QFN package. The LTC5800-IPM integrates all radio circuitry components,
including an on-chip power amplifier, and requires only an AC coupling capacitor and an antenna for robust wireless connectivity. Dust
Networks provides a fully-engineered RF solution, comprehensive APIs, and complete development documentation thereby accelerating
customer development time and reducing customer development costs.
Key Product Features
Highly Scalable
•
Automatic network formation—new motes join
automatically from anywhere in the network
•
All motes are wireless routers, providing a full-mesh
network that easily scales to tens of thousands of motes per
square kilometer
•
Time-synchronized communication across 15 channels
virtually eliminates in-network collisions, allowing for
dense deployments in overlapping radio spaces
Superior Reliability
•
Intelligent Networking Platform enables greater than
99.99% network reliability even in the most challenging
environments
•
Time-synchronized channel hopping seamlessly
compensates for in band blocking and multipath fading in
dynamic RF environments
Ultra-low Power Operation
•
Industry-leading radio technology
•
Dedicated support for energy-scavenged operation
•
Automatic power optimization of every device in network,
enabling a decade of network operation on two Lithium AA
batteries
IP Standards Compliance
•
Compliant to IETF 6LoWPAN and IEEE 802.15.4e
Easy to Integrate and Deploy
•
Fully engineered RF, with power amplifier (PA), integrated
balun, and antenna matching circuitry
•
A comprehensive application programming interface (API)
provides a rich and flexible functionality to ease software
development and device integration
Secure Global Market Solution
•
Operates on 2.4 GHz global license-free band, providing
customers with a single product for world-wide use
•
AES-128 bit encryption


Similar Part No. - LTC5800WR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5800WR LINER-LTC5800WR Datasheet
868Kb / 28P
2.4 GHz 802.15.4 EternaTM Embedded Network Manager-on-Chip
LTC5800WR LINER-LTC5800WR Datasheet
809Kb / 27P
2.4 GHz 802.15.4 EternaTM Mote-on-Chip
More results

Similar Description - LTC5800WR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2431 TI-CC2431_07 Datasheet
338Kb / 14P
System-on-Chip for 2.4 GHz ZigBee/ IEEE 802.15.4 with Location Engine
logo
TEXAS ADVANCED OPTOELEC...
CC2430 TAOS-CC2430 Datasheet
1Mb / 212P
A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
CC2431 TAOS-CC2431 Datasheet
194Kb / 16P
System-on-Chip for 2.4 GHz ZigBee/ IEEE 802.15.4 with Location Engine
logo
Linear Technology
LTC5800-IPR LINER-LTC5800-IPR Datasheet
868Kb / 28P
2.4 GHz 802.15.4 EternaTM Embedded Network Manager-on-Chip
LTC5800-WHM LINER-LTC5800-WHM Datasheet
809Kb / 27P
2.4 GHz 802.15.4 EternaTM Mote-on-Chip
LTP5900-WHM LINER-LTP5900-WHM Datasheet
423Kb / 21P
2.4 GHz 802.15.4 Wireless Mote
LTP5901 LINER-LTP5901 Datasheet
943Kb / 30P
2.4 GHz 802.15.4 EternaTM Mote Modules
LTP5902-IPR LINER-LTP5902-IPR Datasheet
889Kb / 29P
2.4 GHz 802.15.4 EternaTM Embedded Network Manager
LTP5902-WHM LINER-LTP5902-WHM Datasheet
832Kb / 29P
2.4 GHz 802.15.4 EternaTM Mote Module
logo
Anaren Microwave
A2530E24X ANAREN-A2530E24X Datasheet
1Mb / 34P
2.4 GHz IEEE 802.15.4 compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com