Electronic Components Datasheet Search
  English  ▼

X  

LTC5800WR Datasheet(PDF) 1 Page - Linear Technology

Part # LTC5800WR
Description  2.4 GHz 802.15.4 EternaTM Mote-on-Chip
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5800WR Datasheet(HTML) 1 Page - Linear Technology

  LTC5800WR Datasheet HTML 1Page - Linear Technology LTC5800WR Datasheet HTML 2Page - Linear Technology LTC5800WR Datasheet HTML 3Page - Linear Technology LTC5800WR Datasheet HTML 4Page - Linear Technology LTC5800WR Datasheet HTML 5Page - Linear Technology LTC5800WR Datasheet HTML 6Page - Linear Technology LTC5800WR Datasheet HTML 7Page - Linear Technology LTC5800WR Datasheet HTML 8Page - Linear Technology LTC5800WR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
A d v a nce d I n fo rm a t i o n
Linear Technology / Dust Networks
Smar t Mesh® WirelessHART TM
LTC5800-WHM
2.4 GHz 802.15.4 Eterna
TM Mote-on-Chip
About SmartMesh WirelessHART
SmartMesh WirelessHART products are designed for the harshest industrial environments, where low power, reliability, resilience and
scalability are key. SmartMesh WirelessHART solutions are well-suited for applications requiring WirelessHART standards compliance, as
well as a wide range of applications from renewable energy generation, such as solar and wind power, to factory machine health
monitoring and data center HVAC energy management. Smartmesh WirelessHART complies with the WirelessHART (IEC 62591)
standard, offers the lowest power consumption in its class and is the most widely used WirelessHART product available. SmartMesh
WirelessHART systems are easy for industrial automation vendors to integrate and simple for end users to deploy.
Product Descriptions – LTC5800-WHM
The LTC5800-WHM Mote-on-Chip
™ combines Dust Networks’ robust sensor networking solution with Dust’s breakthrough EternaTM
SoC Technology in an easy-to-integrate 72-pin 10 mm x 10 mm QFN package. As part of the SmartMesh WirelessHART system, the
LTC5800-WHM enables customers to integrate a standards-based wireless network into sensors and actuators to provide scalable
bidirectional communications.
The LTC5800-WHM is designed for use in line-powered, battery-powered, or energy-scavenging sensor and actuator applications that
demand reliable performance and ultra-low power operation. With Dust Networks’ innovative IEEE 802.15.4-compliant design and
integrated power amplifier, the LTC5800-WHM enables a decade of battery life on two AA batteries, including routing motes. All motes
function as wireless routers, enabling a redundant, high performance, full-mesh topology.
The LTC5800-WHM integrates all radio circuitry components, requiring only an AC coupling capacitor and connection to an antenna for
robust wireless connectivity. To accelerate customer development time and reduce development costs, Dust Networks provides a fully
engineered RF solution, comprehensive APIs, and complete development documentation.
Key Product Features
Highly Scalable
•
Automatic network formation—new motes join
automatically from anywhere in the network
•
All motes are wireless routers, providing a full-mesh
network that easily scales to tens of thousands of motes per
square kilometer
•
Time-synchronized communication across 15 channels
virtually eliminates in-network collisions, allowing for
dense deployments in overlapping radio spaces
Superior Reliability
•
Intelligent Networking Platform enables greater than
99.99% network reliability even in the most challenging
monitoring and control environments
•
Time-synchronized channel hopping seamlessly
compensates for in band blocking and multipath fading in
dynamic RF environments
Ultra-low Power Operation
•
Industry-leading radio technology capable of line-powered,
battery-powered, or energy-scavenged operation
•
Automatic power optimization of every device in network,
enabling a decade of network operation on two Lithium AA
batteries
Easy to Integrate and Deploy
•
Fully engineered RF, with power amplifier (PA), balun, and
antenna matching circuitry
•
A comprehensive application programming interface (API)
provides a rich and flexible functionality to ease software
development and device integration
WirelessHART (IEC62591) compliance
•
Interoperable with WirelessHART devices
Secure Global Market Solution
•
Operates on 2.4 GHz global license-free band, providing
customers with a single product for world-wide use
•
AES-128 bit encryption
Table of Contents


Similar Part No. - LTC5800WR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5800WR LINER-LTC5800WR Datasheet
915Kb / 28P
2.4 GHz 802.15.4 EternaTM Mote-on-Chip
LTC5800WR LINER-LTC5800WR Datasheet
868Kb / 28P
2.4 GHz 802.15.4 EternaTM Embedded Network Manager-on-Chip
More results

Similar Description - LTC5800WR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2431 TI-CC2431_07 Datasheet
338Kb / 14P
System-on-Chip for 2.4 GHz ZigBee/ IEEE 802.15.4 with Location Engine
logo
TEXAS ADVANCED OPTOELEC...
CC2430 TAOS-CC2430 Datasheet
1Mb / 212P
A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
CC2431 TAOS-CC2431 Datasheet
194Kb / 16P
System-on-Chip for 2.4 GHz ZigBee/ IEEE 802.15.4 with Location Engine
logo
Linear Technology
LTC5800-IPM LINER-LTC5800-IPM Datasheet
915Kb / 28P
2.4 GHz 802.15.4 EternaTM Mote-on-Chip
LTC5800-IPR LINER-LTC5800-IPR Datasheet
868Kb / 28P
2.4 GHz 802.15.4 EternaTM Embedded Network Manager-on-Chip
LTP5900-WHM LINER-LTP5900-WHM Datasheet
423Kb / 21P
2.4 GHz 802.15.4 Wireless Mote
LTP5901 LINER-LTP5901 Datasheet
943Kb / 30P
2.4 GHz 802.15.4 EternaTM Mote Modules
LTP5902-IPR LINER-LTP5902-IPR Datasheet
889Kb / 29P
2.4 GHz 802.15.4 EternaTM Embedded Network Manager
LTP5902-WHM LINER-LTP5902-WHM Datasheet
832Kb / 29P
2.4 GHz 802.15.4 EternaTM Mote Module
logo
Anaren Microwave
A2530E24X ANAREN-A2530E24X Datasheet
1Mb / 34P
2.4 GHz IEEE 802.15.4 compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com