Electronic Components Datasheet Search
  English  ▼

X  

LTM8052 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM8052
Description  de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8052 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM8052 Datasheet HTML 5Page - Linear Technology LTM8052 Datasheet HTML 6Page - Linear Technology LTM8052 Datasheet HTML 7Page - Linear Technology LTM8052 Datasheet HTML 8Page - Linear Technology LTM8052 Datasheet HTML 9Page - Linear Technology LTM8052 Datasheet HTML 10Page - Linear Technology LTM8052 Datasheet HTML 11Page - Linear Technology LTM8052 Datasheet HTML 12Page - Linear Technology LTM8052 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTM8001
9
8001f
For more information www.linear.com/8001
PIN FUNCTIONS
VIN0 (Bank 1): The VIN0 bank supplies current to the
LTM8001’s internal regulator and to the internal power
switches. This pin must be locally bypassed with an ex-
ternal, low ESR capacitor; see Table 1 for recommended
values.
GND (Bank 2): Tie these GND pins to a local ground plane
below the LTM8001 and the circuit components. In most
applications, the bulk of the heat flow out of the LTM8001
is through these pads, so the printed circuit design has a
large impact on the thermal performance of the part. See
the PCB Layout and Thermal Considerations sections for
moredetails.Returnthefeedbackdivider(RFB0)tothisnet.
VIN45 (Bank 3): Input to the LDOs connected to VOUT4and
VOUT5.ItmustbelocallybypassedwithalowESRcapacitor.
VOUT0 (Bank 4): Switching Power Converter Output Pins.
Applytheoutputfiltercapacitorandtheoutputloadbetween
these pins and the GND pins. In most cases, an output
capacitancemadeupofacombinationofceramicandelec-
trolytic capacitors yields the optimal volumetric solution.
BIAS45 (Pin A8): This pin is the supply pin for the control
circuitry of the LDOs connected to VOUT4 and VOUT5. For
the LDOs to regulate, this voltage must be more than
1.2V to 1.6V greater than the output voltage (see Dropout
specifications).
BIAS123 (Pin B8): This pin is the supply pin for the
control circuitry of the LDOs connected to VOUT1-VOUT3.
For the LDOs to regulate, this voltage must be more than
1.2V to 1.6V greater than the output voltage (see Dropout
specifications).
SS(PinK4):TheSoft-StartPin.Placeanexternalcapacitor
to ground to limit the regulated current during start-up
conditions.Thesoft-startpinhasan11μAchargingcurrent.
SYNC (Pin K7): Frequency Synchronization Pin. This pin
allows the switching frequency to be synchronized to
an external clock. The RT resistor should be chosen to
operate the internal clock at 20% slower than the SYNC
pulse frequency. This pin should be grounded when not
in use. Do not leave this pin floating. When laying out the
board, avoid noise coupling to or from the SYNC trace.
See the Switching Frequency Synchronization section in
Applications Information.
VREF (Pin K8): Buffered 2V Reference Capable of 0.5mA
Drive.
RUN (Pin L4): The RUN pin acts as an enable pin and
turns on the internal circuitry. The pin does not have any
pull up or pull down, requiring a voltage bias for normal
part operation. The RUN pin is internally clamped, so it
may be pulled up to a voltage source that is higher than
TYPICAL PERFORMANCE CHARACTERISTICS
(TA = 25°C unless otherwise noted. Configured per Table 1, where applicable.)
LDO VBIAS Ripple Rejection
(VOUT4 = 2.5V, VBIAS45 = 4.5V,
VIN45 = 3.5V)
LDO Output Ripple
FREQUENCY (Hz)
10
60
80
100
8001 G38
40
20
50
70
90
30
10
0
102
103
104
105
106
ILOAD = 100mA
ILOAD = 1.1A
2µs/DIV
VOUT = 1.2V AT 700mA
COUT1 = 22µF
CSET1 = 1nF
VIN = 12V
VOUT0 = 1.8V LOADED TO
A TOTAL CURRENT OF 5A
100MHz BW
8001 G39
1mV/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com