Electronic Components Datasheet Search
  English  ▼

X  

LTM8045 Datasheet(PDF) 22 Page - Linear Technology

Part # LTM8045
Description  Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTM8045 Datasheet HTML 14Page - Linear Technology LTM8045 Datasheet HTML 15Page - Linear Technology LTM8045 Datasheet HTML 16Page - Linear Technology LTM8045 Datasheet HTML 17Page - Linear Technology LTM8045 Datasheet HTML 18Page - Linear Technology LTM8045 Datasheet HTML 19Page - Linear Technology LTM8045 Datasheet HTML 20Page - Linear Technology LTM8045 Datasheet HTML 21Page - Linear Technology LTM8045 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
LTM8045
22
8045fa
For more information www.linear.com/8045
LINEAR TECHNOLOGY CORPORATION 2013
LT 0213 REV A • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/8045
RELATED PARTS
TYPICAL APPLICATION
Maximum Output Current vs Input
Voltage 12VOUT SEPIC
PART NUMBER DESCRIPTION
COMMENTS
LTM8047
1.5W, 725VDC Isolated μModule Regulator
1.5W Output Power, 3.1V ≤ VIN ≤ 32V, 2.5V ≤ VOUT ≤ 12V,
9mm × 11.25mm × 4.92mm BGA Package
LTM8048
1.5W, 725VDC Isolated μModule Regulator with
Integrated Low Noise Post Regulator
1.5W Output Power, 3.1V ≤ VIN ≤ 32V, 1.2V ≤ VOUT ≤ 12V,
1mVP-P Output Ripple, 9mm × 11.25mm × 4.92mm BGA Package
LTM8025
36VIN, 3A Step-Down μModule Regulator
3.6V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 24V, Synchronizable,
9mm × 15mm × 4.32mm LGA Package
LTM8033
36V, 3A EN55022 Class B Certified DC/DC Step-Down
μModule Regulator
3.6V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 24V, Synchronizable,
11.25mm × 15mm × 4.3mm LGA
LTM8026
36VIN, 5A Step-Down μModule Regulator with
Adjustable Current Limit
6V ≤ VIN ≤ 36V, 1.2V ≤ VOUT ≤ 24V, Adjustable Current Limit,
Synchronizable, 11.25mm × 15mm × 2.82mm LGA
LTM8027
60VIN, 4A DC/DC Step-Down μModule Regulator
4.5V ≤ VIN ≤ 60V, 2.5V ≤ VOUT ≤ 24V, Synchronizable,
15mm × 15mm × 4.3mm LGA
LTM4613
36VIN, 8A EN55022 Class B Certified DC/DC Step-Down
μModule Regulator
3.3V ≤ VOUT ≤ 15V, 5V ≤ VIN ≤ 36V, PLL Input, VOUT Tracking and Margining,
15mm × 15mm × 4.3mm LGA
LTM8061
32V, 2A Step-Down μModule Battery Charger with
Programmable Input Current Limit
Suitable for CC-CV Charging Single and Dual Cell Li-Ion or Li-Poly Batteries,
4.95V ≤ VIN ≤ 32V, C/10 or Adjustable Timer Charge Termination, NTC
Resistor Monitor Input, 9mm × 15mm × 4.32mm LGA
LTM8062A
32V, 2A Step-Down μModule Battery Charger with
Integrated Maximum Peak Power Tracking (MPPT) for
Solar Applications
Suitable for CC-CV Charging Method Battery Chemistries (Li-Ion, Li-Poly,
Lead-Acid, LiFePO4), User adjustable MPPT servo voltage, 4.95V ≤ VIN ≤
32V, 3.3V ≤ VBATT ≤ 18.8V Adjustable, C/10 or Adjustable Timer Charge
Termination, NTC Resistor Monitor Input, 9mm × 15mm × 4.32mm LGA
LTC2978
Octal Digital Power Supply Manager with EEPROM
I2C/PMBus Interface, Configuration EEPROM, Fault Logging, 16-Bit ADC with
±0.25% TUE, 3.3V to 15V Operation
LTC2974
Quad Digital Power Supply Manager with EEPROM
I2C/PMBus Interface, Configuration EEPROM, Fault Logging, Per Channel
Voltage, Current and Temperature Measurements
LTC3880
Dual Output PolyPhase® Step-Down DC/DC Controller
with Digital Power System Management
I2C/PMBus Interface, Configuration EEPROM, Fault Logging, ±0.5% Output
Voltage, Accuracy, MOSFET Gate Drivers
12V SEPIC Converter
4.7µF
VIN
2.8VDC TO 18VDC
VOUT
12V
VIN
VOUT–
FB
8045 TA05
VOUT+
RUN
LTM8045
SS
RT
SYNC
GND
130k
22µF
75.0k
INPUT VOLTAGE (V)
150
350
450
250
300
500
400
200
8045 TA05b
2
8
10
4
6
12
14
16
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com