Electronic Components Datasheet Search
  English  ▼

X  

LTM8033 Datasheet(PDF) 25 Page - Linear Technology

Part # LTM8033
Description  de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8033 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTM8033 Datasheet HTML 20Page - Linear Technology LTM8033 Datasheet HTML 21Page - Linear Technology LTM8033 Datasheet HTML 22Page - Linear Technology LTM8033 Datasheet HTML 23Page - Linear Technology LTM8033 Datasheet HTML 24Page - Linear Technology LTM8033 Datasheet HTML 25Page - Linear Technology LTM8033 Datasheet HTML 26Page - Linear Technology LTM8033 Datasheet HTML 27Page - Linear Technology LTM8033 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
LTM8001
25
8001f
For more information www.linear.com/8001
Use Two LTM8001s to Implement a 2.5VOUT 10A DC/DC µModule Converter
TYPICAL APPLICATIONS
82.5k
VOUT5
SET5
LDO 5
FBO
500kHz
500kHz
STEP-DOWN
SWITCHING
REGULATOR
VOUT4
SET4
LDO 4
VOUT3
SET3
BIAS123
BIAS45
COMP
SS
VREF
ILIM
SYNC
LDO 3
6.65k
RT
GND
10µF
×2
VIN45
510k
VOUT2
SET2
LDO 2
VOUT1
SET1
3V
VIN0
RUN
VIN1
12V
VOUT0
LTM8001
LDO 1
22µF
24.9k
100µF
8001 TA05
470µF
2.5V
10A
+
82.5k
VOUT5
SET5
LDO 5
FBO
STEP-DOWN
SWITCHING
REGULATOR
VOUT4
SET4
LDO 4
VOUT3
SET3
BIAS123
BIAS45
COMP
SS
VREF
ILIM
SYNC
LDO 3
6.65k
RT
GND
VIN45
VOUT2
SET2
LDO 2
VOUT1
SET1
3V
VIN0
RUN
VOUT0
LTM8001
LDO 1
100µF
470µF
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com