Electronic Components Datasheet Search
  English  ▼

X  

LTM8048 Datasheet(PDF) 12 Page - Linear Technology

Part # LTM8048
Description  Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8048 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTM8048 Datasheet HTML 8Page - Linear Technology LTM8048 Datasheet HTML 9Page - Linear Technology LTM8048 Datasheet HTML 10Page - Linear Technology LTM8048 Datasheet HTML 11Page - Linear Technology LTM8048 Datasheet HTML 12Page - Linear Technology LTM8048 Datasheet HTML 13Page - Linear Technology LTM8048 Datasheet HTML 14Page - Linear Technology LTM8048 Datasheet HTML 15Page - Linear Technology LTM8048 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
LTM8045
12
8045fa
For more information www.linear.com/8045
APPLICATIONS INFORMATION
For most applications, the design process is straight
forward, summarized as follows:
1. Look at Table 1 and find the row that has the desired
input range and output voltage.
2. Apply the recommended CIN, COUT, RFB and RT values.
While these component combinations have been tested
for proper operation, it is incumbent upon the user to
verify proper operation over the intended system’s line,
load and environmental conditions. Bear in mind that the
maximum output current is limited by junction tempera-
ture, the relationship between the input and output voltage
magnitudes, polarity and other factors. Please refer to the
graphs in the Typical Performance Characteristics section
for guidance.
Themaximumfrequency(andattendantRTvalue)atwhich
the LTM8045 should be allowed to switch is given in
Table 1 in the fMAX column, while the recommended fre-
quency (and RTvalue)foroptimalefficiencyoverthegiven
input condition is given in the fOPTIMAL column.
Table 1. Recommended Component Values and Configuration
(TA = 25°C. See the Typical Performance Characteristics for Load Conditions)
SEPIC Topology
VIN (V)
VOUT (V)
CIN
COUT
RADJ (k)
fOPTIMAL
RT(OPTIMAL) (k)
fMAX (MHz)
RT(MIN) (k)
2.8 to 18
2.5
4.7µF, 25V, 1206
100µF, 6.3V, 1210
15.4
600kHz
154
1.3
69.8
2.8 to 18
3.3
4.7µF, 25V, 1206
100µF, 6.3V, 1210
24.9
700kHz
130
1.5
60.4
2.8 to 18
5
4.7µF, 25V, 1206
100µF, 6.3V, 1210
45.3
800kHz
115
2
45.3
2.8 to 18
8
4.7µF, 25V, 1206
47µF, 10V, 1210
80.6
1MHz
90.9
2
45.3
2.8 to 18
12
4.7µF, 25V, 1206
22µF, 16V, 1210
130
1.2MHz
75.0
2
45.3
4.5 to 18
15
4.7µF, 25V, 1206
22µF, 25V, 1210
165
1.5MHz
60.4
2
45.3
Inverting Topology
VIN (V)
VOUT (V)
CIN
COUT
RADJ (k)
fOPTIMAL
RT(OPTIMAL) (k)
fMAX (MHz)
RT(MIN) (k)
2.8 to 18
–2.5
4.7µF, 25V, 0805
47µF, 6.3V, 1206
30.1
600kHz
154
1.3
69.8
2.8 to 18
–3.3
4.7µF, 25V, 0805
47µF, 6.3V, 1206
39.2
650kHz
140
1.5
60.4
2.8 to 18
–5
4.7µF, 25V, 0805
22µF, 6.3V, 1206
60.4
700kHz
130
2
45.3
2.8 to 18
–8
4.7µF, 25V, 1206
22µF, 10V, 1206
95.3
1MHz
90.9
2
45.3
2.8 to 18
–12
4.7µF, 25V, 1206
10µF, 16V, 1206
143
1.2MHz
75.0
2
45.3
4.5 to 18
–15
4.7µF, 25V, 1206
4.7µF, 25V, 1206
178
1.5MHz
60.4
2
45.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com