Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 28 Page - Linear Technology

Part # LTM4613
Description  de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 20Page - Linear Technology LTM4613 Datasheet HTML 21Page - Linear Technology LTM4613 Datasheet HTML 22Page - Linear Technology LTM4613 Datasheet HTML 23Page - Linear Technology LTM4613 Datasheet HTML 24Page - Linear Technology LTM4613 Datasheet HTML 25Page - Linear Technology LTM4613 Datasheet HTML 26Page - Linear Technology LTM4613 Datasheet HTML 27Page - Linear Technology LTM4613 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTM8001
28
8001f
For more information www.linear.com/8001
LINEAR TECHNOLOGY CORPORATION 2013
LT 0213 • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/8001
RELATED PARTS
TYPICAL APPLICATION
Three Output DC/DC µModule Converter
118k
VOUT5
SET5
LDO 5
FBO
350kHz
STEP-DOWN
SWITCHING
REGULATOR
VOUT4
SET4
LDO 4
VOUT3
SET3
BIAS123
BIAS45
COMP
SS
VREF
ILIM
SYNC
LDO 3
19.6k
RT
GND
10µF
10k
20.5k
VIN45
510k
VOUT2
SET2
LDO 2
VOUT1
SET1
1V
2.2A
1.2V
1.3A
1.8V
1A
VIN0
RUN
VIN
9V TO 18V
VOUT0
LTM8001
LDO 1
60.4k
4.7µF
10µF
33.2k
470µF
8001 TA06
100µF
+
PART NUMBER
DESCRIPTION
COMMENTS
LTM8026
36VIN, 5A Step-Down µModule Regulator with
Adjustable Current Limit
6V ≤ VIN ≤ 36V, 1.2V ≤ VOUT ≤ 24V, Adjustable Current Limit, Parallelable
Outputs, CLK Input, 11.25mm
× 15mm × 2.82mm LGA
LTM8052
36VIN, ±5A Step-Down µModule Regulator with
Adjustable Current Limit
6V ≤ VIN ≤ 36V, 1.2V ≤ VOUT ≤ 24V, –5V ≤ IOUT ≤ 5A, Adjustable Current Limit,
CLK Input, 11.25mm
× 15mm × 2.82mm LGA, Pin Compatible with LTM8026
LTM8061
32V, 2A Step-Down µModule Battery Charger with
Programmable Input Current Limit
Suitable for CC-CV Charging Single and Dual Cell Li-Ion or Li-Poly Batteries,
4.95V ≤ VIN ≤ 32V, C/10 or Adjustable Timer Charge Termination, NTC
Resistor Monitor Input, 9mm
× 15mm × 4.32mm LGA
LTM8062A
32V, 2A Step-Down µModule Battery Charger with
Integrated Maximum Peak Power Tracking (MPPT) for
Solar applications
Suitable for CC-CV Charging Method Battery Chemistries (Li-Ion, Li-Poly,
Lead-Acid, LiFePO4), User Adjustable MPPT Servo Voltage, 4.95V ≤ VIN
≤ 32V, 3.3V ≤ VBATT ≤ 18.8V Adjustable, C/10 or Adjustable Timer Charge
Termination, NTC Resistor Monitor Input, 9mm
× 15mm × 4.32mm LGA
LTM8033
36V, 3A EN55022 Class B Certified DC/DC Step-Down
µModule Regulator
3.6V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 24V, Synchronizable, 11.25mm × 15mm ×
4.32mm LGA
LTM4613
36VIN, 8A EN55022 Class B Certified DC/DC Step-
Down µModule Regulator
5V ≤ VIN ≤ 36V, 3.3V ≤ VOUT ≤ 15V, PLL input, VOUT Tracking and Margining,
15mm
× 15mm × 4.32mm LGA
LTM8048
1.5W, 725VDC Galvanically Isolated µModule Converter
with LDO Post regulator
3.1V ≤ VIN ≤ 32V, 2.5V ≤ VOUT ≤ 12V, 1mVP-P Output Ripple, Internal Isolated
Transformer, 9mm
× 11.25mm × 4.92mm BGA
LTC2978
Octal Digital Power Supply Manager with EEPROM
I2C/PMBus Interface, Configuration EEPROM, Fault Logging, 16-Bit ADC with
±0.25% TUE, 3.3V to 15V Operation
LTC2974
Quad Digital Power Supply Manager with EEPROM
I2C/PMBus Interface, Configuration EEPROM, Fault Logging, per Channel
Voltage, Current and Temperature Measurements
LTC3880
Dual Output PolyPhase® Step-Down DC/DC Controller
with Digital Power System Management
I2C/PMBus Interface, Configuration EEPROM, Fault Logging, ±0.5% Output
Voltage Accuracy, MOSFET Gate Drivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com