Electronic Components Datasheet Search
  English  ▼

X  

LTM8027 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM8027
Description  Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8027 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM8027 Datasheet HTML 5Page - Linear Technology LTM8027 Datasheet HTML 6Page - Linear Technology LTM8027 Datasheet HTML 7Page - Linear Technology LTM8027 Datasheet HTML 8Page - Linear Technology LTM8027 Datasheet HTML 9Page - Linear Technology LTM8027 Datasheet HTML 10Page - Linear Technology LTM8027 Datasheet HTML 11Page - Linear Technology LTM8027 Datasheet HTML 12Page - Linear Technology LTM8027 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LTM8045
9
8045fa
For more information www.linear.com/8045
PIN FUNCTIONS
VOUT– (Bank 1): VOUT– is the negative output of the
LTM8045. Apply an external capacitor between VOUT+and
VOUT–. Tie this net to GND to configure the LTM8045 as
a positive output SEPIC regulator.
VOUT+ (Bank 2): VOUT+ is the positive output of the
LTM8045. Apply an external capacitor between VOUT+ and
VOUT–. Tie this net to GND to configure the LTM8045 as
a negative output inverting regulator.
GND (Bank 3): Tie these GND pins to a local ground plane
below the LTM8045 and the circuit components. GND
MUST BE CONNECTED EITHER TO VOUT+ OR VOUT– FOR
PROPER OPERATION. In most applications, the bulk of
the heat flow out of the LTM8045 is through these pads,
so the printed circuit design has a large impact on the
thermal performance of the part. See the PCB Layout and
Thermal Considerations sections for more details. Return
the feedback divider (RFB) to this net.
VIN(Bank4):TheVINpinsuppliescurrenttotheLTM8045’s
internal regulator and to the internal power switch. This
pin must be locally bypassed with an external, low ESR
capacitor.
FB (Pin A3): If configured as a SEPIC, the LTM8045
regulates its FB pin to 1.215V. Apply a resistor between
FB and VOUT+. Its value should be RFB = [(VOUT – 1.215)/
0.0833]kΩ. If the LTM8045 is configured as an inverting
converter,theLTM8045regulatestheFBpinto5mV.Apply
a resistor between FB and VOUT– of value RFB = [(|VOUT|
+ 0.005)/0.0833]kΩ.
SYNC (Pin E1): To synchronize the switching frequency
to an outside clock, simply drive this pin with a clock. The
high voltage level of the clock needs to exceed 1.3V, and
the low level should be less than 0.4V. Drive this pin to
less than 0.4V to revert to the internal free running clock.
Ground this pin if the SYNC function is not used. See the
Applications Information section for more information.
SS(PinF1):Placeasoft-startcapacitorhere.Uponstart-up,
the SS pin will be charged by a (nominally) 275k resistor
to about 2.2V.
RT (Pin G1): The RT pin is used to program the switching
frequency of the LTM8045 by connecting a resistor from
this pin to ground. The necessary resistor value for the
LTM8045isdeterminedbytheequationRT=(91.9/fOSC)–1,
where fOSC is the typical switching frequency in MHz and
RT is in kΩ. Do not leave this pin open.
RUN (Pin G3): This pin is used to enable/disable the chip
and restart the soft-start sequence. Drive below 1.235V
to disable the chip. Drive above 1.385V to activate chip
and restart the soft-start sequence. Do not float this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com