Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 15 Page - Linear Technology

Part # LTM4613
Description  Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTM4613 Datasheet HTML 11Page - Linear Technology LTM4613 Datasheet HTML 12Page - Linear Technology LTM4613 Datasheet HTML 13Page - Linear Technology LTM4613 Datasheet HTML 14Page - Linear Technology LTM4613 Datasheet HTML 15Page - Linear Technology LTM4613 Datasheet HTML 16Page - Linear Technology LTM4613 Datasheet HTML 17Page - Linear Technology LTM4613 Datasheet HTML 18Page - Linear Technology LTM4613 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
LTM8045
15
8045fa
For more information www.linear.com/8045
APPLICATIONS INFORMATION
Thermal Shutdown
If the part is too hot, the LTM8045 engages its thermal
shutdown, terminates switching and discharges the soft-
startcapacitor.Whentheparthascooled,thepartautomati-
cally restarts. This thermal shutdown is set to engage at
temperaturesabovethe125°Cabsolutemaximuminternal
operating rating to ensure that it does not interfere with
functionality in the specified operating range. This means
that internal temperatures will exceed the 125°C absolute
maximum rating when the overtemperature protection is
active, possibly impairing the device’s reliability.
PCB Layout
Most of the headaches associated with PCB layout have
been alleviated or even eliminated by the high level of
integration of the LTM8045. The LTM8045 is neverthe-
less a switching power supply, and care must be taken to
minimize EMI and ensure proper operation. Even with the
high level of integration, you may fail to achieve specified
operation with a haphazard or poor layout. See Figure 2
for the suggested layout of the inverting topology applica-
tion and Figure 3 for the suggested layout of the SEPIC
topology application. Ensure that the grounding and heat
sinking are acceptable.
A few rules to keep in mind are:
1. Place the RFB and RT resistors as close as possible to
their respective pins.
2. Place the CIN capacitor as close as possible to the VIN
and GND connection of the LTM8045.
3. Place the Cout capacitor as close as possible to the
VOUT+ and VOUT– connections of the LTM8045.
4. Place the CIN and COUT capacitors such that their
ground currents flow directly adjacent or underneath
the LTM8045.
5. Connect all of the GND connections to as large a copper
pour or plane area as possible on the top layer. Avoid
breaking the ground connection between the external
components and the LTM8045.
6. Use vias to connect the GND copper area to the board’s
internal ground planes. Liberally distribute these GND
vias to provide both a good ground connection and
thermal path to the internal planes of the printed circuit
board. Pay attention to the location and density of the
thermal vias in Figures 2 and 3. The LTM8045 can
benefit from the heat sinking afforded by vias that con-
nect to internal GND planes at these locations, due to
their proximity to internal power handling components.
The optimum number of thermal vias depends upon
the printed circuit board design. For example, a board
might use very small via holes. It should employ more
thermal vias than a board that uses larger holes.
Figure 2. Layout Showing Suggested External
Components, GND Plane and Thermal Vias for
the Inverting Topology Application
8045 F02
GROUND, THERMAL VIAS
VIN
CIN
RT
RFB
VOUT–
GND
GND
FB
RUN
RT
GND
COUT
Figure 3. Layout Showing Suggested External
Components, GND Plane and Thermal Vias
for the SEPIC Topology Application
8045 F03
GROUND, THERMAL VIAS
VIN
CIN
RT
RFB
VOUT+
GND
GND
COUT
FB
RUN
RT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com