Electronic Components Datasheet Search
  English  ▼

X  

LTM8062A Datasheet(PDF) 13 Page - Linear Technology

Part # LTM8062A
Description  Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8062A Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM8062A Datasheet HTML 9Page - Linear Technology LTM8062A Datasheet HTML 10Page - Linear Technology LTM8062A Datasheet HTML 11Page - Linear Technology LTM8062A Datasheet HTML 12Page - Linear Technology LTM8062A Datasheet HTML 13Page - Linear Technology LTM8062A Datasheet HTML 14Page - Linear Technology LTM8062A Datasheet HTML 15Page - Linear Technology LTM8062A Datasheet HTML 16Page - Linear Technology LTM8062A Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LTM8045
13
8045fa
For more information www.linear.com/8045
APPLICATIONS INFORMATION
Setting Output Voltage
The output voltage is set by connecting a resistor (RFB)
from VOUT+ to the FB pin for a SEPIC and from VOUT– to
the FB pin for an inverting converter. RFB is determined
from the equation RFB = [(VOUT – 1.215)/0.0833]kΩ for
a SEPIC and from RFB = [(|VOUT| + 0.005)/0.0833]kΩ for
an inverting converter.
Capacitor Selection Considerations
The CIN and COUT capacitor values in Table 1 are the
minimum recommended values for the associated oper-
ating conditions. Applying capacitor values below those
indicated in Table 1 is not recommended, and may result
in undesirable operation. Using larger values is generally
acceptable, and can yield improved dynamic response, if
it is necessary. Again, it is incumbent upon the user to
verify proper operation over the intended system’s line,
load and environmental conditions.
Ceramic capacitors are small, robust and have very low
ESR. However, not all ceramic capacitors are suitable.
X5R and X7R types are stable over temperature and ap-
plied voltage and give dependable service. Other types,
including Y5V and Z5U have very large temperature and
voltage coefficients of capacitance. In an application cir-
cuit they may have only a small fraction of their nominal
capacitance resulting in much higher output voltage ripple
than expected.
A final precaution regarding ceramic capacitors concerns
the maximum input voltage rating of the LTM8045. A
ceramic input capacitor combined with trace or cable
inductance forms a high Q (under damped) tank circuit.
If the LTM8045 circuit is plugged into a live supply, the
input voltage can ring to twice its nominal value, possi-
bly exceeding the device’s rating. This situation is easily
avoided; see the Hot-Plugging Safely section.
Programming Switching Frequency
TheLTM8045hasanoperationalswitchingfrequencyrange
between 200kHz and 2MHz. The free running frequency is
programmed with an external resistor from the RT pin to
ground.Donotleavethispinopenunderanycircumstance.
When the SYNC pin is driven low (< 0.4V), the frequency
of operation is set by the resistor from RT to ground. The
RT value is calculated by the following equation:
RT =
91.9
fOSC
− 1
where fOSC is the typical switching frequency in MHz and
RT is in kΩ.
Switching Frequency Trade-Offs
It is recommended that the user apply the optimal RTvalue
given in Table 1 for the corresponding input and output
operating condition. System level or other considerations,
however, may necessitate another operating frequency.
While the LTM8045 is flexible enough to accommodate a
widerangeofoperatingfrequencies,ahaphazardlychosen
one may result in undesirable operation under certain op-
erating or fault conditions. A frequency that is too high can
reduceefficiency,generateexcessiveheatorevendamage
the LTM8045 in some fault conditions. A frequency that
is too low can result in a final design that has too much
output ripple or too large of an output capacitor.
Switching Frequency Synchronization
Theswitchingfrequencycanbesynchronizedtoanexternal
clocksource.Tosynchronizetotheexternalsource,simply
provide a digital clock signal at the SYNC pin. Switching
will occur at the SYNC clock frequency. Drive SYNC low
and the switching frequency will revert to the internal
free-running oscillator after a few clock periods.
Switching will stop if SYNC is driven high.
The duty cycle of SYNC must be between 35% and 65%
for proper operation. Also, the frequency of the SYNC
signal must meet the following two criteria:
1. SYNC may not toggle outside the frequency range of
200kHz to 2MHz unless it is stopped low to enable the
free-running oscillator.
2. The SYNC frequency can always be higher than the
free-running oscillator frequency, fOSC, but should not
be less than 25% below fOSC (fOSC is set by RT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com