Electronic Components Datasheet Search
  English  ▼

X  

LTC2209 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2209
Description  1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2209 Datasheet(HTML) 2 Page - Linear Technology

  LTC2209 Datasheet HTML 1Page - Linear Technology LTC2209 Datasheet HTML 2Page - Linear Technology LTC2209 Datasheet HTML 3Page - Linear Technology LTC2209 Datasheet HTML 4Page - Linear Technology LTC2209 Datasheet HTML 5Page - Linear Technology LTC2209 Datasheet HTML 6Page - Linear Technology LTC2209 Datasheet HTML 7Page - Linear Technology LTC2209 Datasheet HTML 8Page - Linear Technology LTC2209 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC6417
2
6417f
pin conFiguraTion
absoluTe MaxiMuM raTings
Total Supply Voltage (V+ to GND).............................5.5V
Input Current (CLHI, VCM)....................................±10mA
Input Current (IN+, IN–)........................................±30mA
Output Current (OUT+, OUT–).............................±100mA
Output Current (VOR) ...........................................±10mA
Operating Temperature Range
(TC) (Note 2) .......................................... –40°C to 105°C
Specified Temperature Range
(TC) (Note 3) .......................................... –40°C to 105°C
Storage Temperature Range .................. –65°C to 150°C
Junction Temperature (TJMAX).............................. 150°C
(Note 1)
20 19 18 17
7
8
TOP VIEW
21
GND
UDC PACKAGE
20-LEAD (3mm
× 4mm) PLASTIC QFN
9 10
6
5
4
3
2
1
11
12
13
14
15
16
V+
CLHI
GND
NC
PWRADJ
V+
V+
VCM
VOR
NC
SHDN
V+
TJMAX = 150°C, θJA = 52°C/W, θJC = 6.8°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
orDer inForMaTion
Dc elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 5V, GND = 0V, No RLOAD, CLOAD = 6pF. VCM = 1.25V, CLHI = V+,
PWRADJ = V+, SHDN = 0V unless otherwise noted. VINCM is defined as (IN+ + IN–)/2. VOUTCM is defined as (OUT+ + OUT–)/2. VINDIFF is
defined as (IN+ – IN–). VOUTDIFF is defined as (OUT+ – OUT–). See DC test circuit schematic.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input/Output Characteristics
GDIFF
Differential Gain
VINDIFF = ±1.2V Differential
l
–0.15
–0.2
–0.1
0
0
dB
dB
TCGDIFF
Differential Gain Temperature
Coefficient
l
0.0002
dB/°C
VSWINGDIFF
Differential Output Voltage Swing
VOUTDIFF, VINDIFF = ±2.3V
l
4
3.3
4.28
VP-P
VP-P
VSWINGMIN
Output Voltage Swing Low
Single-Ended Measurement of OUT+, OUT–
VINDIFF = ±2.3V
l
0.19
0.28
0.4
V
V
VSWINGMAX
Output Voltage Swing High
Single-Ended Measurement of OUT+, OUT–
VINDIFF = ±2.3V
l
2.25
2.05
2.33
V
V
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC6417CUDC#PBF
LTC6417CUDC#TRPBF
LFVN
20-Lead (3mm
× 4mm) Plastic QFN
0°C to 70°C
LTC6417IUDC#PBF
LTC6417IUDC#TRPBF
LFVN
20-Lead (3mm
× 4mm) Plastic QFN
–40°C to 105°C (TC)
*Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com