Electronic Components Datasheet Search
  English  ▼

X  

PE9702 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9702
Description  SMA Male to FME Plug Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9702 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9702 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9702 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Male to FME Plug Adapter
Configuration
Connector 1
SMA Male
Impedance 1
50 Ohms
Connector 2
FME Plug
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
0.93 [23.62]
Width/Dia., in [mm]
0.375 [9.53]
.
Connector 1
Type
SMA Male
Inner Conductor Material and Plating
Brass
Coupling Nut Material and Plating
Brass
Body Material and Plating
Brass
Connector 2
Type
FME Plug
Inner Conductor Material and Plating
Brass
Body Material and Plating
Brass
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/sma-male-fme-plug-straight-adapter-pe9702-p.aspx
SMA Male to FME Plug Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
SMA Male to FME Plug Adapter
PE9702
PE9702 REV


Similar Part No. - PE9702

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9702 PEREGRINE-PE9702 Datasheet
278Kb / 14P
3.0 GHz Integer-N PLL for Rad Hard Applications
PE9702 PEREGRINE-PE9702 Datasheet
260Kb / 13P
3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9702 PSEMI-PE9702 Datasheet
263Kb / 13P
3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE97022 PEREGRINE-PE97022 Datasheet
355Kb / 14P
3500 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE97022 PSEMI-PE97022 Datasheet
561Kb / 14P
3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
More results

Similar Description - PE9702

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9148 PASTERNACK-PE9148 Datasheet
245Kb / 3P
SMA Male to SMC Plug Adapter
PE9696 PASTERNACK-PE9696 Datasheet
239Kb / 2P
FME Plug to FME Plug Adapter
PE9699 PASTERNACK-PE9699 Datasheet
72Kb / 1P
FME PLUG TO TNC MALE
PE9701 PASTERNACK-PE9701 Datasheet
77Kb / 1P
FME PLUG TO UHF MALE
PE9703 PASTERNACK-PE9703 Datasheet
73Kb / 1P
FME PLUG TO SMA FEMALE
PE9705 PASTERNACK-PE9705 Datasheet
242Kb / 2P
Mini UHF Male to FME Plug Adapter
PE9707 PASTERNACK-PE9707 Datasheet
253Kb / 2P
SMA Male to FME Jack Adapter
PE9708 PASTERNACK-PE9708 Datasheet
253Kb / 2P
SMA Female to FME Jack Adapter
PE9711 PASTERNACK-PE9711 Datasheet
252Kb / 2P
FME Jack to BNC Male Adapter
PE9713 PASTERNACK-PE9713 Datasheet
255Kb / 2P
TNC Male to FME Jack Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com