Electronic Components Datasheet Search
  English  ▼

X  

PE9705 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9705
Description  Mini UHF Male to FME Plug Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9705 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9705 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9705 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Mini UHF Male to FME Plug Adapter
Configuration
Connector 1
Mini UHF Male
Impedance 1
50 Ohms
Connector 2
FME Plug
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
0.9 [22.86]
Width/Dia., in [mm]
0.452 [11.48]
.
Connector 1
Type
Mini UHF Male
Inner Conductor Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
FME Plug
Inner Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/mini-uhf-male-fme-plug-straight-adapter-pe9705-p.aspx
Mini UHF Male to FME Plug Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
Mini UHF Male to FME Plug Adapter
PE9705
PE9705 REV


Similar Part No. - PE9705

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9700 PASTERNACK-PE9700 Datasheet
74Kb / 1P
FME PLUG TO TNC MALE RIGHT ANGLE
logo
Peregrine Semiconductor...
PE9701 PEREGRINE-PE9701 Datasheet
280Kb / 13P
3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Pasternack Enterprises,...
PE9701 PASTERNACK-PE9701 Datasheet
77Kb / 1P
FME PLUG TO UHF MALE
logo
Peregrine Semiconductor
PE9701 PSEMI-PE9701 Datasheet
287Kb / 13P
3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9701EK PEREGRINE-PE9701EK Datasheet
280Kb / 13P
3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
More results

Similar Description - PE9705

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9344 PASTERNACK-PE9344 Datasheet
250Kb / 3P
UHF Female to Mini UHF Male Adapter
PE9347 PASTERNACK-PE9347 Datasheet
243Kb / 2P
Mini UHF Male to Mini UHF Female Right Angle Adapter
PE9348 PASTERNACK-PE9348 Datasheet
253Kb / 3P
UHF Male to Mini UHF Female Adapter
PE9696 PASTERNACK-PE9696 Datasheet
239Kb / 2P
FME Plug to FME Plug Adapter
PE9701 PASTERNACK-PE9701 Datasheet
77Kb / 1P
FME PLUG TO UHF MALE
PE9702 PASTERNACK-PE9702 Datasheet
239Kb / 2P
SMA Male to FME Plug Adapter
PE9706 PASTERNACK-PE9706 Datasheet
74Kb / 1P
FME PLUG TO MINI UHF MALE RITGT ANGLE
PE9709 PASTERNACK-PE9709 Datasheet
74Kb / 1P
FME JACK TO MINI UHF MALE
PE9710 PASTERNACK-PE9710 Datasheet
245Kb / 2P
Mini UHF Female to FME Jack Adapter
PE91447 PASTERNACK-PE91447 Datasheet
623Kb / 3P
UHF Female to Mini UHF Male Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com