Electronic Components Datasheet Search
  English  ▼

X  

PE9712 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9712
Description  FME Jack to BNC Female Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9712 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9712 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9712 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
FME Jack to BNC Female Adapter
Configuration
Connector 1
FME Jack
Impedance 1
50 Ohms
Connector 2
BNC Female
Impedance 2
50 Ohms
Connector Specification 2
MIL-STD-348A
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.155 [29.34]
Width/Dia., in [mm]
0.47 [11.94]
.
Connector 1
Type
FME Jack
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Connector 2
Type
BNC Female
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/fme-jack-bnc-female-straight-adapter-pe9712-p.aspx
FME Jack to BNC Female Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
FME Jack to BNC Female Adapter
PE9712
PE9712 REV


Similar Part No. - PE9712

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9710 PASTERNACK-PE9710 Datasheet
245Kb / 2P
Mini UHF Female to FME Jack Adapter
PE9711 PASTERNACK-PE9711 Datasheet
252Kb / 2P
FME Jack to BNC Male Adapter
PE9713 PASTERNACK-PE9713 Datasheet
255Kb / 2P
TNC Male to FME Jack Adapter
PE9714 PASTERNACK-PE9714 Datasheet
253Kb / 2P
TNC Female to FME Jack Adapter
PE9715 PASTERNACK-PE9715 Datasheet
247Kb / 3P
Precision 1.85mm Male to 1.85mm Female Adapter
More results

Similar Description - PE9712

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9136 PASTERNACK-PE9136 Datasheet
245Kb / 2P
SMB Jack to BNC Female Adapter
PE9140 PASTERNACK-PE9140 Datasheet
241Kb / 2P
SMC Jack to BNC Female Adapter
PE9394 PASTERNACK-PE9394 Datasheet
247Kb / 2P
SSMB Jack to BNC Female Adapter
PE9466 PASTERNACK-PE9466 Datasheet
246Kb / 2P
MCX Jack to BNC Female Adapter
PE9516 PASTERNACK-PE9516 Datasheet
248Kb / 2P
MMCX Jack to BNC Female Adapter
PE9708 PASTERNACK-PE9708 Datasheet
253Kb / 2P
SMA Female to FME Jack Adapter
PE9710 PASTERNACK-PE9710 Datasheet
245Kb / 2P
Mini UHF Female to FME Jack Adapter
PE9711 PASTERNACK-PE9711 Datasheet
252Kb / 2P
FME Jack to BNC Male Adapter
PE9713 PASTERNACK-PE9713 Datasheet
255Kb / 2P
TNC Male to FME Jack Adapter
PE9714 PASTERNACK-PE9714 Datasheet
253Kb / 2P
TNC Female to FME Jack Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com