Electronic Components Datasheet Search
  English  ▼

X  

LTC3857 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3857
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3857 Datasheet(HTML) 3 Page - Linear Technology

  LTC3857 Datasheet HTML 1Page - Linear Technology LTC3857 Datasheet HTML 2Page - Linear Technology LTC3857 Datasheet HTML 3Page - Linear Technology LTC3857 Datasheet HTML 4Page - Linear Technology LTC3857 Datasheet HTML 5Page - Linear Technology LTC3857 Datasheet HTML 6Page - Linear Technology LTC3857 Datasheet HTML 7Page - Linear Technology LTC3857 Datasheet HTML 8Page - Linear Technology LTC3857 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
LTC3890-2
3
38902f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Supply Operating Voltage Range
4
60
V
VOUT
Regulated Output Voltage Range
0.8
24
V
VFB1,2
Regulated Feedback Voltage
(Note 4) ITH1,2 Voltage = 1.2V
–40°C to 85°C, All Grades
LTC3890E-2, LTC3890I-2
LTC3890H-2, LTC3890MP-2
l
l
0.792
0.788
0.786
0.800
0.800
0.800
0.808
0.812
0.812
V
V
V
IFB1,2
Feedback Current
(Note 4)
±5
±50
nA
VREFLNREG
Reference Voltage Line Regulation
(Note 4) VIN = 4.5V to 60V
0.002
0.02
%/V
VLOADREG
Output Voltage Load Regulation
(Note 4)
Measured in Servo Loop,
ΔITH Voltage = 1.2V to 0.7V
l
0.01
0.1
%
(Note 4)
Measured in Servo Loop,
ΔITH Voltage = 1.2V to 2V
l
–0.01
–0.1
%
gm1,2
Transconductance Amplifier gm
(Note 4) ITH1,2 = 1.2V, Sink/Source = 5μA
2
mmho
IQ
Input DC Supply Current
(Note 5)
Pulse-Skipping or Forced Continuous
Mode (One Channel On)
RUN1 = 5V and RUN2 = 0V, VFB1 = 0.83V or
RUN1 = 0V and RUN2 = 5V, VFB2 = 0.83V
1.3
mA
Pulse-Skipping or Forced Continuous
Mode (Both Channels On)
RUN1,2 = 5V, VFB1,2 = 0.83V (No Load)
2
mA
Sleep Mode (One Channel On)
RUN1 = 5V and RUN2 = 0V, VFB1 = 0.83V (No Load) or
RUN1 = 0V and RUN2 = 5V, VFB2 = 0.83V (No Load)
50
75
μA
Sleep Mode (Both Channels On)
RUN1,2 = 5V, VFB1,2 = 0.83V (No Load)
60
100
μA
Shutdown
RUN1,2 = 0V
14
25
μA
UVLO
Undervoltage Lockout
INTVCC Ramping Up
INTVCC Ramping Down
l
l
3.6
3.92
3.80
4.2
4.0
V
V
ISENSE+
SENSE+ Pin Current
Each Channel
±1
μA
ISENSE–
SENSE– Pins Current
Each Channel
VSENSE– < INTVCC – 0.5V
VSENSE– > INTVCC + 0.5V
700
±1
μA
μA
Maximum TG1, 2 Duty Factor
In Dropout
98
99
%
ITRACK/SS1,2 Soft-Start Charge Current
VTRACK/SS1,2 = 0V
0.7
1.0
1.4
μA
VRUN1
VRUN2
RUN1 Pin On Threshold
RUN2 Pin On Threshold
VRUN1 Rising
VRUN2 Rising
l
l
1.15
1.20
1.21
1.25
1.27
1.30
V
V
RUN1,2 Pin Hysteresis
50
mV
VSENSE(MAX) Maximum Current Sense Threshold
VFB1,2 = 0.7V, VSENSE1–,2– = 3.3V, ILIM = 0
VFB1,2 = 0.7V, VSENSE1–,2– = 3.3V, ILIM = INTVCC
VFB1,2 = 0.7V, VSENSE1–,2– = 3.3V, ILIM = FLOAT
l
l
l
22
43
64
30
50
75
36
57
85
mV
mV
mV
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VRUN1,2 = 5V, EXTVCC = 0V unless otherwise noted.
(Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com