Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3891
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 5Page - Linear Technology LTC3891 Datasheet HTML 6Page - Linear Technology LTC3891 Datasheet HTML 7Page - Linear Technology LTC3891 Datasheet HTML 8Page - Linear Technology LTC3891 Datasheet HTML 9Page - Linear Technology LTC3891 Datasheet HTML 10Page - Linear Technology LTC3891 Datasheet HTML 11Page - Linear Technology LTC3891 Datasheet HTML 12Page - Linear Technology LTC3891 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
LTC3890-3
9
38903f
For more information www.linear.com/3890-3
BG1, BG2 (Pin 23, Pin 18): High Current Gate Drives
for Bottom (Synchronous) N-Channel MOSFETs. Voltage
swing at these pins is from ground to INTVCC.
BOOST1,BOOST2(Pin24,Pin17):BootstrappedSupplies
to the Topside Floating Drivers. Capacitors are connected
between the BOOST and SW pins and Schottky diodes are
tied between the BOOST and INTVCC pins. Voltage swing
at the BOOST pins is from INTVCC to (VIN + INTVCC).
SW1, SW2 (Pin 25, Pin 16): Switch Node Connections
to Inductors.
TG1, TG2 (Pin 26, Pin 15): High Current Gate Drives for
Top N-Channel MOSFETs. These are the outputs of float-
ing drivers with a voltage swing equal to INTVCC – 0.5V
superimposed on the switch node voltage SW.
pin FuncTions
PGOOD1 (Pin 27): Open-Drain Logic Output. PGOOD1 is
pulled to ground when the voltage on the VFB1 pin is not
within ±10% of its set point.
TRACK/SS1, TRACK/SS2 (Pin 28, Pin 14): External Track-
ing and Soft-Start Input. The LTC3890-3 regulates the
VFB1,2 voltage to the smaller of 0.8V or the voltage on the
TRACK/SS1,2 pin. An internal 1µA pull-up current source
is connected to this pin. A capacitor to ground at this
pin sets the ramp time to final regulated output voltage.
Alternatively, a resistor divider on another voltage supply
connected to this pin allows the LTC3890-3 output to track
the other supply during start-up.
Table 1. Summary of the Differences Between the Parts in the LTC3890 Family
LTC3890
LTC3890-1
LTC3890-2
LTC3890-3
ILIM Pin for Adjustable
Current Sense Voltage?
Yes
No
Yes
No
CLKOUT and PHASMD Pins
for PolyPhase® Operation?
Yes
No
Yes
No
Independent PGOOD Pins for
Each Channel
Yes; PGOOD1 and PGOOD2
No; PGOOD1 Only
Yes; PGOOD1 and PGOOD2
No; PGOOD1 Only
Overvoltage Protection
Bottom Gate “Crowbar?”
Yes
Yes
No; BG Not Forced On
No; BG Not Forced On
Current Foldback During
Overcurrent Events
Yes
Yes
No
No
Light Load Operation When
Synchronized to External
Clock Using PLLIN/MODE Pin
Forced Continuous
Forced Continuous
Pulse-Skipping
Pulse-Skipping
SENSE Pins Common Mode
Range
Operation with SENSE
Common Mode < 0.5V
Requires VFB < 0.65V
Operation with SENSE
Common Mode < 0.5V
Requires VFB < 0.65V
Not Dependent on VFB
Voltage. Makes It Easy to
Make a Non-synchronous
Boost or SEPIC Converter
with Ground-Referenced
Current Sensing
Not Dependent on VFB
Voltage. Makes It Easy to
Make a Non-synchronous
Boost or SEPIC Converter
with Ground-Referenced
Current Sensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com