Electronic Components Datasheet Search
  English  ▼

X  

LTC3858 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3858
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3858 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3858 Datasheet HTML 9Page - Linear Technology LTC3858 Datasheet HTML 10Page - Linear Technology LTC3858 Datasheet HTML 11Page - Linear Technology LTC3858 Datasheet HTML 12Page - Linear Technology LTC3858 Datasheet HTML 13Page - Linear Technology LTC3858 Datasheet HTML 14Page - Linear Technology LTC3858 Datasheet HTML 15Page - Linear Technology LTC3858 Datasheet HTML 16Page - Linear Technology LTC3858 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
LTC3890-3
13
38903f
For more information www.linear.com/3890-3
operaTion (Refer to the Functional Diagram)
If the PLLIN/MODE pin is not being driven by an external
clock source, the FREQ pin can be tied to SGND, tied to
INTVCCorprogrammedthroughanexternalresistor.Tying
FREQtoSGNDselects350kHzwhiletyingFREQtoINTVCC
selects 535kHz. Placing a resistor between FREQ and
SGND allows the frequency to be programmed between
50kHz and 900kHz, as shown in Figure 10.
A phase-locked loop (PLL) is available on the LTC3890-3
to synchronize the internal oscillator to an external clock
source that is connected to the PLLIN/MODE pin. The
LTC3890-3’s phase detector adjusts the voltage (through
an internal lowpass filter) of the VCO input to align the
turn-on of controller 1’s external top MOSFET to the ris-
ing edge of the synchronizing signal. Thus, the turn-on
of controller 2’s external top MOSFET is 180 degrees out
of phase to the rising edge of the external clock source.
The VCO input voltage is prebiased to the operating
frequency set by the FREQ pin before the external clock
is applied. A resistor connected between the FREQ pin
and SGND can prebias VCO’s input voltage to the desired
frequency. If prebiased near the external clock frequency,
the PLL loop only needs to make slight changes to the
VCO input in order to synchronize the rising edge of the
external clock’s to the rising edge of TG1. The ability to
prebias the loop filter allows the PLL to lock-in rapidly
without deviating far from the desired frequency.
The typical capture range of the phase-locked loop is
from approximately 55kHz to 1MHz, with a guarantee
to be between 75kHz and 850kHz. In other words, the
LTC3890-3’s PLL is guaranteed to lock to an external clock
source whose frequency is between 75kHz and 850kHz.
The typical input clock thresholds on the PLLIN/MODE pin
are 1.6V (rising) and 1.1V (falling). When synchronized to
anexternalclockusingthePLLIN/MODEpin,theLTC3890-3
operates in pulse-skipping mode at light loads.
Power Good (PGOOD1 Pin)
ThePGOOD1pinisconnectedtoanopendrainofaninternal
N-channel MOSFET. The MOSFET turns on and pulls the
PGOOD1 pin low when the corresponding VFB1 pin volt-
age is not within ±10% of the 0.8V reference voltage. The
PGOOD1 pin is also pulled low when the corresponding
RUN1 pin is low (shut down). When the VFB1 pin voltage
is within the ±10% requirement, the MOSFET is turned
off and the pin is allowed to be pulled up by an external
resistor to a source no greater than 6V.
Theory and Benefits of 2-Phase Operation
Why the need for 2-phase operation? Up until the 2-phase
family, constant-frequency dual switching regulators
operated both channels in phase (i.e., single phase
operation). This means that both switches turned on at
the same time, causing current pulses of up to twice the
amplitude of those for one regulator to be drawn from the
input capacitor and battery. These large amplitude current
pulses increased the total RMS current flowing from the
input capacitor, requiring the use of more expensive input
capacitors and increasing both EMI and losses in the input
capacitor and battery.
With 2-phase operation, the two channels of the dual
switchingregulatorareoperated180degreesout-of-phase.
This effectively interleaves the current pulses drawn by the
switches,greatlyreducingtheoverlaptimewheretheyadd
together. The result is a significant reduction in total RMS
input current, which in turn allows less expensive input
capacitors to be used, reduces shielding requirements for
EMI and improves real world operating efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com