Electronic Components Datasheet Search
  English  ▼

X  

LT6016 Datasheet(PDF) 3 Page - Linear Technology

Part # LT6016
Description  Dual/Quad 3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6016 Datasheet(HTML) 3 Page - Linear Technology

  LT6016 Datasheet HTML 1Page - Linear Technology LT6016 Datasheet HTML 2Page - Linear Technology LT6016 Datasheet HTML 3Page - Linear Technology LT6016 Datasheet HTML 4Page - Linear Technology LT6016 Datasheet HTML 5Page - Linear Technology LT6016 Datasheet HTML 6Page - Linear Technology LT6016 Datasheet HTML 7Page - Linear Technology LT6016 Datasheet HTML 8Page - Linear Technology LT6016 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LT6016/LT6017
3
60167fa
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
I-, H-GRADE
TYP
MAX
UNITS
VOS
Input Offset Voltage
0 < VCM < V+ – 1.75V
MS8 Package
0 < VCM < V+ – 1.75V
DJC22 Package
VCM = 5V
VCM =76V
0 < VCM < V+ – 1.75V
VCM = 5V to VCM = 76V
l
l
–50
–80
–125
–135
–250
–350
±25
±45
±50
±50
±45
±50
50
80
125
135
250
350
μV
μV
μV
μV
μV
μV
μV
ΔVOS
ΔTEMP
Input Offset Voltage Drift
0.75
μV/°C
ΔVOS
ΔTIME
Long Term Voltage Offset Stability
0.75
μV/Mo
IB
Input Bias Current
0.25V < VCM < V+ – 1.75V
VCM = 0V
VCM = 5V to 76V
0.25V < VCM < V+ – 1.75V
VCM = 0V
VCM = 5V to 76V
VS = 0V, VCM = 0V to 76V
l
l
l
l
–5
–30
11
–15
–150
7
±2
–16.5
14
±2
–16.5
14
0.001
5
0
17.5
15
0
23
1
nA
nA
μA
nA
nA
μA
μA
IOS
Input Offset Current
0.25V < VCM < V+ – 1.75V
VCM = 0V
VCM = 5V to 76V (Note 6)
0.25V < VCM < V+ – 1.75V
VCM = 0V
VCM = 5V to 76V (Note 6)
l
l
l
–5
–5
–500
–15
–15
–500
±2
±2
±50
±2
±2
±50
5
5
500
15
15
500
nA
nA
nA
nA
nA
nA
VCMR
Common Mode Input Range
l
076
V
CIN
Differential Input Capacitance
5pF
RIN
Differential Input Resistance
0 < VCM < V+ – 1.75V
VCM > V+
1
3.7
MΩ
kΩ
RINCM
Common Mode Input Resistance
0 < VCM < V+ – 1.75V
VCM > V+
>1
>100
GΩ
MΩ
en
Input Referred Noise Voltage Density
f = 1kHz
VCM < V+ – 1.75V
VCM > V+
18
25
nV/√Hz
nV/√Hz
Input Referred Noise Voltage
f = 0.1Hz to 10Hz
VCM < V+ – 1.75V
0.5
μVP-P
in
Input Referred Noise Current Density
f = 1kHz
VCM < V+ – 1.75V
VCM > V+
0.1
11.5
pA/√Hz
pA/√Hz
AVOL
Open Loop Gain
RL = 10kΩ
ΔVOUT = 3V
l
300
3000
V/mV
PSRR
Supply Rejection Ratio
VS = ±1.65V to ±15V
VCM = VOUT = Mid-Supply
l
110
126
dB
CMRR
Input Common Mode Rejection Ratio
VCM = 0V to 3.25V
VCM = 5V to 76V
l
l
100
126
126
140
dB
dB
VOL
Output Voltage Swing Low
VS = 5V, No Load
VS = 5V, 5mA
l
l
3
280
55
500
mV
mV
VOH
Output Voltage Swing High
VS = 5V, No Load
VS = 5V, 5mA
l
l
450
1000
700
1250
mV
mV
ISC
Short-Circuit Current
VS = 5V, 50Ω to V+
VS = 5V, 50Ω to V–
l
l
10
10
25
25
mA
mA
The
l denotes the specifications which apply over the specified
temperature range, –40°C < TA < 85°C for I-grade parts, –40°C < TA < 125°C for H–grade parts, otherwise specifications are at
TA = 25°C, VS = 5V, VCM = VOUT = mid-supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com